Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6YA112 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ZB6YA112
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA112 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ZB6YA112 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
17
Selector Switches (Switching Angle: Handle: 60o, Key: 70o)
Complete Units with Quick Connectors/Solder Tabs
Type of
Operator
Type of Contact
Number and Type of
Positions
Rectangular
Square
Round
N .O .
N .C .
Reference
Reference
Reference
Handle
1
—
2-maintained
XB6DD221B
XB6CD221B
XB6AD221B
1
1
2-maintained
XB6DD225B
XB6CD225B
XB6AD225B
3-maintained
XB6DD235B
XB6CD235B
XB6AD235B
2
—
3-maintained
XB6DD233B
XB6CD233B
XB6AD233B
Type of
Operator
Type of Contact
Number and Type of
Positions
Rectangular
Square
Round
N .O .
N .C .
Reference
Reference
Reference
Key
1
1
2-maintained
XB6DGC5B
XB6CGC5B
XB6AGC5B
2-maintained
XB6DGB5B
XB6CGB5B
XB6AGB5B
3-maintained
XB6DGH5B
XB6CGH5B
XB6AGH5B
2
—
3-maintained
XB6DGH3B
XB6CGH3B
XB6AGH3B
Note:
Indicates key withdrawal position.
Selector Switch Sequence
2 Position Selector Switch
Contact block guide (1)
O
x
1 N.O. (left or right)
x
O
1 N.C. (left or right)
O
x
x
O
1 N.O.
and
1 N.C.
3 Position Selector Switch
Contact block guide (1)
O
O
x
1 N.O. (left)
x
O
x
2 N.O. wired in
parallel (side by side)
x
O
O
1 N.O. (right)
O
x
x
1 N.C. (right)
x
x
O
1 N.C. (left)
O
x
O
2 N.C. wired in
series (side by side)
(1) As viewed from the front of the panel.
For Legends, see pages 22 and 24.
XB6DD•••B
XB6CD•••B
XB6AD•••B
XB6DG••B
XB6CG••B
XB6AG••B
Harmony™ XB6/ZB6
16 mm push buttons
Complete units
References (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com