Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6YA112 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ZB6YA112
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA112 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ZB6YA112 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
22
Standard Legend Plate (24 x 28 mm) for 8 x 21 mm Legend
Description
Background Color of Legend
Reference
Without legend insert
—
ZB6YD20
With blank legend insert
White or yellow
ZB6YD21
Black or red
ZB6YD22
8 x 21 mm Marked Legends (for 24 x 28 mm legend holder ZB6YD20)
Color
Marking
Reference
White Text
Red Background (Stop and Fault)
Black Background (all others)
International
O-I
ZB6Y2178
I-II
ZB6Y2179
I-O-II
ZB6Y2186
O
ZB6Y2190
English
HAND-O-AUTO
ZB6Y2387
CLOSE
ZB6Y2314
DOWN
ZB6Y2308
FORWARD
ZB6Y2305
FAULT
ZB6Y2334
LEFT
ZB6Y2310
OFF
ZB6Y2312
ON
ZB6Y2303
OPEN
ZB6Y2313
RESET
ZB6Y2323
REVERSE
ZB6Y2306
RIGHT
ZB6Y2309
RUN
ZB6Y2311
STOP
ZB6Y2304
UP
ZB6Y2307
ZB6YD20
ZB6Y2178
STOP
ZB6Y2304
Harmony™ XB6/ZB6
16 mm push buttons
Accessories
References (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com