Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6YA112 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ZB6YA112
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA112 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ZB6YA112 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
Harmony™ XB6/ZB6
16 mm push buttons
Introduction
Introduction
Schneider Electric’s Harmony™ XB6/ZB6 16 mm push buttons, pilot lights and
selector switches–with plastic bezels–are specifically designed for applications
where the surface area is restricted. The IP 65 degree of protection enables these
products to be used in all types of applications.
Applications:
b
Industry: Small finishing machines. Local and remote control panels.
b
Buildings: Control boards, surveillance rooms, alarms.
b
Tertiary: Laboratories and medical instrumentation. Transport. Small electronic
equipment.
Product features:
b
Circular, square or rectangular heads
b
Tags for quick connectors, solder connection or printed circuit board pins
b
Degree of protection: IP 65
b
Certifications:
, UL, CSA, CCC
Contact functions:
b
Push buttons with spring return and latching
b
Selector switches and key switches, 2 or 3 positions
b
Trigger action
b
Emergency stop
Light functions:
b
LED pilot lights (Protected LED), neon and incandescent bulbs
Combined functions (contact + light):
b
Illuminated push buttons, flush push, spring return and latching
b
Illuminated selector switches
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com