Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6YA112 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ZB6YA112
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA112 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ZB6YA112 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
25
Harmony™ XB6/ZB6
16 mm push buttons
Push buttons (illuminated and non illuminated)
Rectangular head
XB6DWpppp, DFpppp, DApp
XB6DEpppp
Common face view
Square head
XB6CWpppp, CFpppp, CApp
XB6CEpppp
Common face view
Circular head
XB6AWpppp, AFpppp, AApp
XB6AEpppp
Common face view
Mushroom head push buttons
XB6AS8349B
XB6AS9349B
e: panel thickness 1 to 6 mm
Pilot lights
Common side view
Rectangular head
Square head
XB6DVppp, XB6CVppp
XB6DVppp
XB6CVppp
Circular head
XB6AVppp
e: panel thickness
1 to 6 mm
e: panel thickness
1 to 6 mm
e: panel thickness
1 to 6 mm
e: panel thickness
1 to 6 mm
e: panel thickness
1 to 6 mm
Dimensions
Dual Dimensions: in (mm)
3.8125
(97)
e
1.8125
(46)
1.1875
(30)
1.625
(41.5)
3.0
(77)
e
1.0
(26)
1.625
(41.5)
1.1875
(30)
e
2.25
(57)
1.625
(41.5)
0.33
(8.5)
0.75
(18)
2.25
(57)
1.625
(41.5)
e
0.33
(8.5)
2.375
(61)
e
0.5
(11.5)
1.625
(41.5)
0.9375
(23.5)
2.375
(61)
e
0.5
(11.5)
1.625
(41.5)
0.9375
(23.5)
e
2.25
(57)
1.625
(41.5)
0.33
(8.5)
e
1.625
(41.5) 2.375
(61)
0.5
(11.5)
0.75
(18)
e
1.625
(41.5) 2.375
(61)
0.5
(11.5)
0.75
(18)
e
1.625
(41.5) 2.375
(61)
0.5
(11.5)
e
1.625
(41.5) 2.375
(61)
0.5
(11.5)
e
2.25
(57)
1.625
(41.5)
0.33
(8.5)
e
0.9375
(24)
2.25
(57)
1.625
(41.5)
0.33
(8.5)
e
0.9375
(24)
2.25
(57)
1.625
(41.5)
0.33
(8.5)
0.75
(18)
e
2.25
(57)
1.625
(41.5)
0.33
(8.5)
0.75
(18)
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com