Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB6YA112 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ZB6YA112
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA112 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ZB6YA112 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZB6YA112 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
27
Harmony™ XB6/ZB6
16 mm push buttons
Push buttons
Bodies for illuminated push buttons
Heads for illuminated and non illuminated push buttons
Rectangular
ZB6ZpppB
ZB6DWp, DFp, DAp
ZB6DEp
Common face view
Bodies for non illuminated push buttons
Square
ZB6ZpB
ZB6CWp, CFp, CAp
ZB6CEp
Common face view
Circular
ZB6AWp, AFp, AAp
ZB6AEp
Common face view
Dimensions (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Heads for mushroom head push buttons
Trigger action
Trigger action
ZB6AS834
ZB6AS934
ZB6AS834-ENC-2-M
2.0
(50)
1.1875
(30)
ZB6AS934-ENC-2-M
2.75
(70)
1.1875
(30)
Pilot lights
Bodies
Rectangular head
Square head
ZB6EBpp
ZB6DVp
ZB6CVp
b
ZB6EppB
13.5
ZB6EBpA
15.5
Circular head
ZB6AVp
Dual Dimensions: in (mm)
1.25
(32) 0.3125
(8)
1.6875
(42.5)
1.25
(32)
0.3125
(8)
0.75
(18)
1.4375
(36)
0.75
(18)
1.28
(32.5)
1.28
(32.5)
1.4375
(36)
0.9375
(23.5)
1.4375
(36)
0.9375
(23.5)
1.28
(32.5)
0.75
(18)
1.4375
(36)
0.75
(18)
1.4375
(36)
1.28
(32.5)
0.75
(18)
1.4375
(36)
2.0
(50)
0.31
(8)
0.9375
(24)
1.28
(32.5)
0.9375
(24)
1.28
(32.5)
0.75
(18)
1.28
(32.5)
0.75
(18)
1.28
(32.5)
0.75
(18)
1.28
(32.5)
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com