Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 37 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 37 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 33Page - SPANSION S29GL01GS Datasheet HTML 34Page - SPANSION S29GL01GS Datasheet HTML 35Page - SPANSION S29GL01GS Datasheet HTML 36Page - SPANSION S29GL01GS Datasheet HTML 37Page - SPANSION S29GL01GS Datasheet HTML 38Page - SPANSION S29GL01GS Datasheet HTML 39Page - SPANSION S29GL01GS Datasheet HTML 40Page - SPANSION S29GL01GS Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
December 21, 2012 S29GL_128S_01GS_00_07
GL-S MirrorBit® Family
37
Data
She e t
5.3.6.8
DYB ASO
The system can access the DYB ASO by issuing the DYB entry command sequence during Read Mode. This
entry command does not use a sector address from the entry command. The DYB bit for a sector appears in
bit 0 of all word locations in the sector.
The DYB ASO allows the following activities:
 Read DYB protection status of a sector in bit 0 of any word in the sector.
 Set the DYB bit using a modified Word Programming command.
 Clear the DYB bit using a modified Word Programming command.
 ASO Exit using legacy Command Set Exit command for backward software compatibility.
 ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.
5.3.6.9
Software (Command) Reset / ASO exit
Software reset is part of the command set (See Table 6.1, Command Definitions on page 57) that also
returns the EAC to standby state and must be used for the following conditions:
 Exit ID/CFI mode
 Clear timeout bit (DQ5) for data polling when timeout occurs
Software Reset does not affect EA mode. Reset commands are ignored once programming or erasure has
begun, until the operation is complete. Software Reset does not affect outputs; it serves primarily to return to
Read Mode from an ASO mode or from a failed program or erase operation.
Software Reset may cause a return to Read Mode from undefined states that might result from invalid
command sequences. However, a Hardware Reset may be required to return to normal operation from some
undefined states.
There is no software reset latency requirement. The reset command is executed during the tWPH period.
5.4
Status Monitoring
There are three methods for monitoring EA status. Previous generations of the S29GL flash family used the
methods called Data Polling and Ready/Busy# (RY/BY#) Signal. These methods are still supported by the
S29GL-S family. One additional method is reading the Status Register.
5.4.1
Status Register
The status of program and erase operations is provided by a single 16-bit status register. The status is
receiver by writing the Status Register Read command followed by a read access. When the Status Register
read command is issued, the current status is captured (by the rising edge of WE#) into the register and the
ASO is entered. The contents of the status register is aliased (overlaid) on the full memory address space.
Any valid read (CE# and OE# low) access while in the Status Register ASO will exit the ASO (with the rising
edge of CE# or OE# for tCEPH/tOEPH time) and return to the address space map in use when the Status
Register Read command was issued.
The status register contains bits related to the results - success or failure - of the most recently completed
Embedded Algorithms (EA):
 Erase Status (bit 5),
 Program Status (bit 4),
 Write Buffer Abort (bit 3),
 Sector Locked Status (bit 1),
 RFU (bit 0).
and, bits related to the current state of any in process EA:
 Device Busy (bit 7),
 Erase Suspended (bit 6),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com