Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 38 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 38 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 34Page - SPANSION S29GL01GS Datasheet HTML 35Page - SPANSION S29GL01GS Datasheet HTML 36Page - SPANSION S29GL01GS Datasheet HTML 37Page - SPANSION S29GL01GS Datasheet HTML 38Page - SPANSION S29GL01GS Datasheet HTML 39Page - SPANSION S29GL01GS Datasheet HTML 40Page - SPANSION S29GL01GS Datasheet HTML 41Page - SPANSION S29GL01GS Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
38
GL-S MirrorBit® Family
S29GL_128S_01GS_00_07 December 21, 2012
Da ta
Sh e e t
 Program Suspended (bit 2),
The current state bits indicate whether an EA is in process, suspended, or completed.
The upper 8 bits (bits 15:8) are reserved. These have undefined High or Low value that can change from one
status read to another. These bits should be treated as don't care and ignored by any software reading status.
The Soft Reset Command will clear to 0 bits [5, 4, 1, 0] of the status register if Status Register bit 3 =0. It will
not affect the current state bits. The Clear Status Register Command will clear to 0 the results related bits of
the status register but will not affect the current state bits.
Notes:
1. Bits 15 thru 8, and 0 are reserved for future use and may display as 0 or 1. These bits should be ignored (masked) when checking status.
2. Bit 7 is 1 when there is no Embedded Algorithm in progress in the device.
3. Bits 6 thru 1 are valid only if Bit 7 is 1.
4. All bits are put in their reset status by cold reset or warm reset.
5. Bits 5, 4, 3, and 1 are cleared to 0 by the Clear Status Register command or Reset command.
6. Upon issuing the Erase Suspend Command, the user must continue to read status until DRB becomes 1.
7. ESSB is cleared to 0 by the Erase Resume Command.
8. ESB reflects success or failure of the most recent erase operation.
9. PSB reflects success or failure of the most recent program operation.
10. During erase suspend, programming to the suspended sector, will cause program failure and set the Program status bit to 1.
11. Upon issuing the Program Suspend Command, the user must continue to read status until DRB becomes 1.
12. PSSB is cleared to 0 by the Program Resume Command.
13. SLSB indicates that a program or erase operation failed because the sector was locked.
14. SLSB reflects the status of the most recent program or erase operation.
5.4.2
Data Polling Status
During an active Embedded Algorithm the EAC switches to the Data Polling ASO to display EA status to any
read access. A single word of status information is aliased in all locations of the device address space. In the
status word there are several bits to determine the status of an EA. These are referred to as DQ bits as they
appear on the data bus during a read access while an EA is in progress. DQ bits 15 to 8, DQ4, and DQ0 are
reserved and provide undefined data. Status monitoring software must mask the reserved bits and treat them
as don't care. Table 5.3 on page 42 and the following subsections describe the functions of the remaining
bits.
Table 5.2 Status Register
Bit #
15:8
76543210
Bit
Description
Reserved
Device
Ready Bit
Erase
Suspend
Status Bit
Erase
Status Bit
Program
Status Bit
Write Buffer
Abort
Status Bit
Program
Suspend
Status Bit
Sector Lock
Status Bit
Reserved
Bit Name
DRB
ESSB
ESB
PSB
WBASB
PSSB
SLSB
Reset
Status
X
10000000
Busy Status
Invalid
0
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Ready
Status
X1
0=No Erase
in
Suspension
1=Erase in
Suspension
0=Erase
successful
1=Erase fail
0=Program
successful
1=Program
fail
0=Program
not aborted
1=Program
aborted
during
Write to
Buffer
command
0=No
Program in
suspension
1=Program
in
suspension
0=Sector
not locked
during
operation
1=Sector
locked error
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com