Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 12 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 12 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 8Page - SPANSION S29GL01GS Datasheet HTML 9Page - SPANSION S29GL01GS Datasheet HTML 10Page - SPANSION S29GL01GS Datasheet HTML 11Page - SPANSION S29GL01GS Datasheet HTML 12Page - SPANSION S29GL01GS Datasheet HTML 13Page - SPANSION S29GL01GS Datasheet HTML 14Page - SPANSION S29GL01GS Datasheet HTML 15Page - SPANSION S29GL01GS Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
12
GL-S MirrorBit® Family
S29GL_128S_01GS_00_07 December 21, 2012
Da ta
Sh e e t
Software Interface
2.
Address Space Maps
There are several separate address spaces that may appear within the address range of the flash memory
device. One address space is visible (entered) at any given time.
 Flash Memory Array: the main non-volatile memory array used for storage of data that may be randomly
accessed by asynchronous read operations.
 ID/CFI: a memory array used for Spansion factory programmed device characteristics information. This
area contains the Device Identification (ID) and Common Flash Interface (CFI) information tables.
 Secure Silicon Region (SSR): a One Time Programmable (OTP) non-volatile memory array used for
Spansion factory programmed permanent data, and customer programmable permanent data.
 Lock Register: an OTP non-volatile word used to configure the ASP features and lock the SSR.
 Persistent Protection Bits (PPB): a non-volatile flash memory array with one bit for each Sector. When
programmed, each bit protects the related Sector from erasure and programming.
 PPB Lock: a volatile register bit used to enable or disable programming and erasure of the PPB bits.
 Password: an OTP non-volatile array used to store a 64-bit password used to enable changing the state of
the PPB Lock Bit when using Password Mode sector protection.
 Dynamic Protection Bits (DYB): a volatile array with one bit for each Sector. When set, each bit protects the
related Sector from erasure and programming.
 Status Register: a volatile register used to display Embedded Algorithm status.
 Data Polling Status: a volatile register used as an alternate, legacy software compatible, way to display
Embedded Algorithm status.
The main Flash Memory Array is the primary and default address space but, it may be overlaid by one other
address space, at any one time. Each alternate address space is called an Address Space Overlay (ASO).
Each ASO replaces (overlays) the entire flash device address range. Any address range not defined by a
particular ASO address map, is reserved for future use. All read accesses outside of an ASO address map
returns non-valid (undefined) data. The locations will display actively driven data but the meaning of whatever
1’s or 0’s appear are not defined.
There are four device operating modes that determine what appears in the flash device address space at any
given time:
 Read Mode
 Data Polling Mode
 Status Register (SR) Mode
 Address Space Overlay (ASO) Mode
In Read Mode the entire Flash Memory Array may be directly read by the host system memory controller. The
memory device Embedded Algorithm Controller (EAC), puts the device in Read mode during Power-on, after
a Hardware Reset, after a Command Reset, or after an Embedded Algorithm (EA) is suspended. Read
accesses and command writes are accepted in read mode. A subset of commands are accepted in read
mode when an EA is suspended.
While in any mode, the Status Register read command may be issued to cause the Status Register ASO to
appear at every word address in the device address space. In this Status Register ASO Mode, the device
interface waits for a read access and, any write access is ignored. The next read access to the device
accesses the content of the status register, exits the Status Register ASO, and returns to the previous
(calling) mode in which the Status Register read command was received.
In EA mode the EAC is performing an Embedded Algorithm, such as programming or erasing a non-volatile
memory array. While in EA mode, none of the main Flash Memory Array is readable because the entire flash
device address space is replaced by the Data Polling Status ASO. Data Polling Status will appear at every
word location in the device address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com