Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 53 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 53 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 49Page - SPANSION S29GL01GS Datasheet HTML 50Page - SPANSION S29GL01GS Datasheet HTML 51Page - SPANSION S29GL01GS Datasheet HTML 52Page - SPANSION S29GL01GS Datasheet HTML 53Page - SPANSION S29GL01GS Datasheet HTML 54Page - SPANSION S29GL01GS Datasheet HTML 55Page - SPANSION S29GL01GS Datasheet HTML 56Page - SPANSION S29GL01GS Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
December 21, 2012 S29GL_128S_01GS_00_07
GL-S MirrorBit® Family
53
Data
She e t
Table 5.21 Secure Silicon Sector Program State Command Transition
Current State
Command and
Condition
Read
Software Reset /
ASO Exit
Status Register
Read Enter
Status Register
Clear
Unlock 1
Command Set
Exit
Address
RA
xh
x555h
x555h
x555h
xh
Data
RD
xF0h
x70h
x71h
xAAh
x00h
SSRPG1
-
SSRPG1
-
-
SSRPG1
-
-
SSR_WB
WC > 256 or SA
≠ SA
SSR_WB
--
--
-
WC
≤ 256 and
SA = SA
SSR_WB_D
WC < 0 or Write
Buffer
≠ Write
Buffer
SSR_WB_D
--
--
-
WC > 0 and
Write Buffer =
Write Buffer
SSRPG
SR(7) = 0
SSRPG
-
SSRSR
(SSRPG)
-
-
-
SR(7) = 1
SSR
SR(7) = 1 and
DQ(1) = 0
READ
DQ(1) = 1
--
SSRUL1
SR(3) = 1
SSRSR
-
(return)
-
-
-
-
-
SSREXT
-
SSREXT
-
SSRSR (SSR)
-
-
READ
Table 5.22 Password Protection Command State Transition
Current
State
Command
and
Condition
Read
Software
Reset /
ASO Exit
Status
Register
Read
Enter
Status
Register
Clear
Password
ASO
Unlock
Enter
Password
ASO
Unlock
Start
Command
Set Exit
Entry
Command
Set Exit
Program
Entry
Password
Word
Count
Address
RA
xh
x555h
x555h
0h
0h
xh
xh
xh
Xh
Data
RD
xF0h
x70h
x71h
x25h
x29h
x90h
x00h
xA0h
x03h
PP
-
PP
READ
PPSR (PP)
PP
PPWB25
-
PPEXT
-
PPPG1
-
PPWB25
-
PPWB25
--------
PPD
PPD
WC > 0
PPD
----
-
----
WC
≤ 0
-
PPPG
PPPG1
-
PPPG1
---------
PPPG
-
PPPG
-
PPSR
(PPPG)
-------
PPSR
-
(return)
---------
PPEXT
-
PPEXT
------
READ
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com