Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 67 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 67 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 63Page - SPANSION S29GL01GS Datasheet HTML 64Page - SPANSION S29GL01GS Datasheet HTML 65Page - SPANSION S29GL01GS Datasheet HTML 66Page - SPANSION S29GL01GS Datasheet HTML 67Page - SPANSION S29GL01GS Datasheet HTML 68Page - SPANSION S29GL01GS Datasheet HTML 69Page - SPANSION S29GL01GS Datasheet HTML 70Page - SPANSION S29GL01GS Datasheet HTML 71Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
December 21, 2012 S29GL_128S_01GS_00_07
GL-S MirrorBit® Family
67
Data
She e t
8.
Signal Protocols
The following sections describe the host system interface signal behavior and timing for the 29GL-S family
flash devices.
8.1
Interface States
Table 8.1 describes the required value of each interface signal for each interface state.
Legend:
L = VIL
H = VIH
X = either VIL or VIH
L/H = rising edge
H/L = falling edge
Valid = all bus signals have stable L or H level
Modified = valid state different from a previous valid state
Available = read data is internally stored with output driver controlled by OE#
Notes:
1. WE# and OE# can not be at VIL at the same time.
2. Read with Output Disable is a read initiated with OE# High.
3. Automatic Sleep is a read/write operation where data has been driven on the bus for an extended period, without CE# going High and the
device internal logic has gone into standby mode to conserve power.
8.2
Power-Off with Hardware Data Protection
The memory is considered to be powered off when the core power supply (VCC) drops below the lock-out
voltage (VLKO). When VCC is below VLKO, the entire memory array is protected against a program or erase
operation. This ensures that no spurious alteration of the memory content can occur during power transition.
During a power supply transition down to Power-Off, VIO should remain less than or equal to VCC.
If VCC goes below VRST (Min) then returns above VRST (Min) to VCC minimum, the Power-On Reset interface
state is entered and the EAC starts the Cold Reset Embedded Algorithm.
Table 8.1 Interface States
Interface State
VCC
VIO
RESET#
CE#
OE#
WE#
AMAX-A0
DQ15-DQ0
Power-Off with Hardware
Data Protection
< VLKO
≤ VCC
XX
XX
X
High-Z
Power-On (Cold) Reset
≥ VCC min
≥ VIO min
≤ VCC
XX
XX
X
High-Z
Hardware (Warm) Reset
≥ VCC min
≥ VIO min
≤ VCC
L
X
X
X
X
High-Z
Interface Standby
≥ VCC min
≥ VIO min
≤ VCC
H
H
X
X
X
High-Z
Automatic Sleep (Notes 1, 3)
≥ VCC min
≥ VIO min
≤ VCC
H
L
X
X
Valid
Output
Available
Read with Output Disable
(Note 2)
≥ VCC min
≥ VIO min
≤ VCC
H
L
H
H
Valid
High-Z
Random Read
≥ VCC min
≥ VIO min
H
L
L
H
Valid
Output
Valid
Page Read
≥ VCC min
≥ VIO min
≤ VCC
HL
LH
AMAX-A4
Valid
A3-A0
Modified
Output
Valid
Write
≥ VCC min
≥ VIO min
≤ VCC
H
L
H
L
Valid
Input Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com