Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 103 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 103 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 96Page - SPANSION S29GL01GS Datasheet HTML 97Page - SPANSION S29GL01GS Datasheet HTML 98Page - SPANSION S29GL01GS Datasheet HTML 99Page - SPANSION S29GL01GS Datasheet HTML 100Page - SPANSION S29GL01GS Datasheet HTML 101Page - SPANSION S29GL01GS Datasheet HTML 102Page - SPANSION S29GL01GS Datasheet HTML 103Page - SPANSION S29GL01GS Datasheet HTML 104Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
December 21, 2012 S29GL_128S_01GS_00_07
GL-S MirrorBit® Family
103
Data
She e t
Revision 04 (October 3, 2011)
Power-Up Write Inhibit
Minor correction
PPB Password Protection Mode
Minor correction
Embedded Algorithm Characteristics
table
Updated Buffer Programming Time maximum limits
Absolute Maximum Ratings table
Added clarification
DC Characteristics table
Output High Voltage clarification
Power-Up/Power-Down Voltage and
Timing table
Added clarification
Power-Up figure
Added clarification
Power-On (Cold) Reset (POR)
Added clarification
Valid Combinations table
Updated table
Revision 05 (December 14, 2011)
Global
Data sheet designation changed from Preliminary to Full Production
Sector Erase: Updated Typical Erase Time
Capacitance Characteristics
Updated section
Ordering Information
Corrected note designation in valid combination table
Revision 06 (March 16, 2012)
Global
Added 9 mm x 7 mm package
Added 105°C offering
Ordering Information
Updated Valid Combinations
Revision 07 (December 21, 2012)
Distinctive Characteristics
Added In-Cabin temperature range
Status Register ASO
Added clarification
Advanced Sector Protection Overview
Updated figure
PPB Lock
Added clarification
Persistent Protection Bits (PPB)
Added clarification
Dynamic Protection Bits (DYB)
Added clarification
PPB Password Protection Mode
Added clarification
Chip Erase
Added clarification
Sector Erase
Added clarification
Erase Suspend / Erase Resume
Added clarification
Status Register ASO
Added clarification
Status Register
Added clarification
DQ7: Data# Polling
Added clarification
DQ1: Write-to-Buffer Abort
Added clarification
Data Polling Status: Updated table
Embedded Operation Error
Added clarification
Protection Error
Added clarification
Write Buffer Abort
Added clarification
Performance Table
Updated Embedded Algorithm Characteristics (-40°C to +105°C) table
Device ID and Common Flash Interface
(ID-CFI) ASO Map
Updated CFI Device Geometry Definition table
Updated CFI Primary Vendor-Specific Extended Query table
Asynchronous Read Operations
Added Read Operation VIO = 1.65 (-40°C to +105°C) table
Asynchronous Write Operations
Updated Read to Write (CE# VIL) figure
Updated Read to Write (CE# Toggle) figure
Section
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com