Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7953EBZ Datasheet(PDF) 36 Page - Analog Devices

Part # EVAL-ADE7953EBZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7953EBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button EVAL-ADE7953EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 36 of 68
PERIOD MEASUREMENT
The ADE7953 provides a period measurement of the voltage
channel. This measurement is provided in the 16-bit, unsigned
period register (Address 0x10E). The period register is updated
once every line period and has a settling time of 30 ms to 40 ms
associated with it before the period measurement is stable.
The period measurement has a resolution of 4.48 μs/LSB
(223 kHz clock), which represents 0.0224% when the line
frequency is 50 Hz and 0.0268% when the line frequency
is 60 Hz.
The value of the period register for a 50 Hz network is approxi-
mately 4460 in decimal (223 kHz/50 Hz) and 3716 in decimal
(223 kHz/60 Hz) for a 60 Hz network. The period register is
stable at ±1 LSB when the line is established and the measure-
ment does not change.
The following equation can be used to compute the line period
and frequency using the period register:
sec
kHz
223
1
]
0
:
15
PERIOD[
+
=
L
T
(36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com