Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7953EBZ Datasheet(PDF) 66 Page - Analog Devices

Part # EVAL-ADE7953EBZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7953EBZ Datasheet(HTML) 66 Page - Analog Devices

Back Button EVAL-ADE7953EBZ Datasheet HTML 60Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 61Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 62Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 63Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 64Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 66Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 67Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 66 of 68
Interrupt Enable and Interrupt Status Registers
Current Channel A and Voltage Channel Registers
Table 22. IRQENA Register (Address 0x22C and Address 0x32C)
Bits
Bit Name
Description
0
AEHFA
Set to 1 to enable an interrupt when the active energy is half full (Current Channel A)
1
VAREHFA
Set to 1 to enable an interrupt when the reactive energy is half full (Current Channel A)
2
VAEHFA
Set to 1 to enable an interrupt when the apparent energy is half full (Current Channel A)
3
AEOFA
Set to 1 to enable an interrupt when the active energy has overflowed or underflowed (Current Channel A)
4
VAREOFA
Set to 1 to enable an interrupt when the reactive energy has overflowed or underflowed (Current Channel A)
5
VAEOFA
Set to 1 to enable an interrupt when the apparent energy has overflowed or underflowed (Current Channel A)
6
AP_NOLOADA
Set to 1 to enable an interrupt when the active power no-load condition is detected on Current Channel A
7
VAR_NOLOADA
Set to 1 to enable an interrupt when the reactive power no-load condition is detected on Current Channel A
8
VA_NOLOADA
Set to 1 to enable an interrupt when the apparent power no-load condition is detected on Current Channel A
9
APSIGN_A
Set to 1 to enable an interrupt when the sign of active energy has changed (Current Channel A)
10
VARSIGN_A
Set to 1 to enable an interrupt when the sign of reactive energy has changed (Current Channel A)
11
ZXTO_IA
Set to 1 to enable an interrupt when the zero crossing has been missing on Current Channel A for the length of
time specified in the ZXTOUT register
12
ZXIA
Set to 1 to enable an interrupt when the current Channel A zero crossing occurs
13
OIA
Set to 1 to enable an interrupt when the current Channel A peak has exceeded the overcurrent threshold set in the
OILVL register
14
ZXTO
Set to 1 to enable an interrupt when a zero crossing has been missing on the voltage channel for the length of
time specified in the ZXTOUT register
15
ZXV
Set to 1 to enable an interrupt when the voltage channel zero crossing occurs
16
OV
Set to 1 to enable an interrupt when the voltage peak has exceeded the overvoltage threshold set in the OVLVL
register
17
WSMP
Set to 1 to enable an interrupt when new waveform data is acquired
18
CYCEND
Set to 1 to enable an interrupt when it is the end of a line cycle accumulation period
19
Sag
Set to 1 to enable an interrupt when a sag event has occurred
20
Reset
This interrupt is always enabled and cannot be disabled
21
CRC
Set to 1 to enable an interrupt when the checksum has changed
Table 23. IRQSTATA Register (Address 0x22D and Address 0x32D) and RSTIRQSTATA Register (Address 0x22E and
Address 0x32E)
Bits
Bit Name
Description
0
AEHFA
Set to 1 when the active energy register is half full (Current Channel A)
1
VAREHFA
Set to 1 when the reactive energy register is half full (Current Channel A)
2
VAEHFA
Set to 1 when the apparent energy register is half full (Current Channel A)
3
AEOFA
Set to 1 when the active energy register has overflowed or underflowed (Current Channel A)
4
VAREOFA
Set to 1 when the reactive energy register has overflowed or underflowed (Current Channel A)
5
VAEOFA
Set to 1 when the apparent energy register has overflowed or underflowed (Current Channel A)
6
AP_NOLOADA
Set to 1 when the active power no-load condition is detected Current Channel A
7
VAR_NOLOADA
Set to 1 when the reactive power no-load condition is detected Current Channel A
8
VA_NOLOADA
Set to 1 when the apparent power no-load condition is detected Current Channel A
9
APSIGN_A
Set to 1 when the sign of active energy has changed (Current Channel A)
10
VARSIGN_A
Set to 1 when the sign of reactive energy has changed (Current Channel A)
11
ZXTO_IA
Set to 1 when a zero crossing has been missing on Current Channel A for the length of time specified in the
ZXTOUT register
12
ZXIA
Set to 1 when a current Channel A zero crossing is detected
13
OIA
Set to 1 when the current Channel A peak has exceeded the overcurrent threshold set in the OILVL register
14
ZXTO
Set to 1 when a zero crossing has been missing on the voltage channel for the length of time specified in the
ZXTOUT register
15
ZXV
Set to 1 when the voltage channel zero crossing is detected
16
OV
Set to 1 when the voltage peak has exceeded the overvoltage threshold set in the OVLVL register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com