Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7953EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # EVAL-ADE7953EBZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7953EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button EVAL-ADE7953EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 24 of 68
ACTIVE POWER CALCULATION
Power is defined as the rate of energy flow from the source to
the load. It is defined as the product of the voltage and current
waveforms. The resulting waveform is called the instantaneous
power signal and is equal to the rate of energy flow at every
instant of time. The unit of power is the watt or joules/sec.
)
sin(
2
ωt
V
V(t)
×
×
=
(3)
)
sin(
2
ωt
I
I(t)
×
×
=
(4)
where:
V
is the rms voltage.
I
is the rms current.
P(t)
= V(t) × I(t)
(5)
P(t)
= VI − VI × cos(2ωt)
(6)
The average power over an integral number of line cycles (n)
is given by the expression in Equation 7.
∫
=
=
nT
VI
dt
t
P
nT
P
0
)
(
1
(7)
where:
P is the active or real power.
T is the line cycle period.
The active power is equal to the dc component of the instanta-
neous power signal (P(t) in Equation 5). The active power is
therefore equal to VI. This relationship is used to calculate active
power in the ADE7953. Figure 44 illustrates this concept.
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS
ACTIVE POWER SIGNAL:
VRMS × IRMS
P(t) = VRMS × IRMS – VRMS × IRMS × cos(2ωt)
VRMS
×
IRMS
0x0 0000
I(t) = √2 × IRMS × sin(ωt)
V(t) = √2× VRMS × sin(ωt)
Figure 44. Active Power Calculation
The signal chain for the active power and energy calculations in
the ADE7953 is shown in Figure 45. The instantaneous power
signal P(t) is generated by multiplying the current and voltage
signals. The dc component of the instantaneous power signal
is then extracted by LPF2 (low-pass filter) to obtain the active
power information. Because LFP2 does not have an ideal “brick
wall” frequency response, the active power signal has some
ripple associated with it. This ripple is sinusoidal and has a
frequency equal to twice the line frequency. Because the ripple
is sinusoidal in nature, it is removed when the active power
signal is integrated to compute the active energy (see the Active
Energy Calculation section).
The ADE7953 computes the active power simultaneously on
Current Channel A and Current Channel B and stores the
resulting measurements in the AWATT (Address 0x212 and
Address 0x312) and BWATT (Address 0x213 and Address 0x313)
registers, respectively. With full-scale inputs, the expected
reading in the AWATT and BWATT registers is approximately
4862401 LSBs (decimal).
The active power measurements are taken over a bandwidth of
1.23 kHz and include the effects of any harmonics within that
range. The active power registers are updated at a rate of 6.99 kHz
and can be read using the waveform sampling mode (see the
Instantaneous Powers and Waveform Sampling section).
SIGN OF ACTIVE POWER CALCULATION
The active power measurement in the ADE7953 is a signed
calculation. If the phase differential between the current and
voltage waveforms is more than 90°, the power is negative.
Negative power indicates that energy is being injected back
into the grid. The ACCMODE register (Address 0x201 and
Address 0x301) includes two sign indication bits that show the
sign of the active power of Current Channel A (APSIGN_A)
and Current Channel B (APSIGN_B). See the Sign Indication
section for more information.
VGAIN
CURRENT
CHANNEL
A OR B
VOLTAGE
CHANNEL
HPF
xIGAIN
DIGITAL
INTEGRATOR
HPF
48
0
+
+
xWATTOS
PHCALx
INTERNAL
ACCUMULATION
FIXED INTERNAL
THRESHOLD
ACTIVE POWER
SIGNAL
AENERGYx
23
0
LPF2
xWGAIN
Figure 45. Active Energy Signal Chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com