Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7953EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADE7953EBZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7953EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADE7953EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 10 of 68
Pin No.
Mnemonic
Description
20
REVP
Reverse Power Output Indicator. See the Reverse Power section. This pin can be configured to output a
range of alternative power quality signals (see the Alternative Output Functions section).
21
ZX_I
Current Channel Zero-Crossing Output Pin. See the Current Channel Zero Crossing section. This pin can be
configured to output a range of alternative power quality signals (see the Alternative Output Functions
section).
22
IRQ
Interrupt Output. See the ADE7953 Interrupts section.
23
CF1
Calibration Frequency Output 1.
24
CF2
Calibration Frequency Output 2.
25
SCLK
Serial Clock Input for the Serial Peripheral Interface. All serial communications are synchronized to the
clock (see the SPI Interface section). If using the I2C interface, this pin must be pulled high. If using the
UART interface, this pin must be pulled to ground.
26
MISO/SDA/Tx
Data Output for SPI Interface/Bidirectional Data Line for I2C Interface/Transmit Line for UART Interface.
27
MOSI/SCL/Rx
Data Input for SPI Interface/Serial Clock Input for I2C Interface/Receive Line for UART Interface.
28
CS
Chip Select for SPI Interface. This pin must be pulled high if using the I2C or UART interface.
EPAD
Exposed Pad. Create a similar pad on the PCB under the exposed pad. Solder the exposed pad to the pad
on the PCB to confer mechanical strength to the package. Do not connect the pads to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com