Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7953EBZ Datasheet(PDF) 37 Page - Analog Devices

Part # EVAL-ADE7953EBZ
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7953EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button EVAL-ADE7953EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7953EBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 37 of 68
INSTANTANEOUS POWERS AND WAVEFORM SAMPLING
The ADE7953 provides access to the current and voltage
channel waveform data, along with the instantaneous active,
reactive, and apparent powers. This information allows the
instantaneous data to be analyzed in more detail, including
reconstruction of the current and voltage input for harmonic
analyses. These measurements are available from a set of
24-bit/32-bit signed registers (see Table 7).
All measurements are updated at a rate of 6.99 kHz (CLKIN/512).
The ADE7953 provides an interrupt status bit, WSMP, that is
triggered at a rate of 6.99 kHz, allowing measurements to be
synchronized with the instantaneous signal update rate. This
status bit is available in the IRQSTATA register (Address 0x22D
and Address 0x32D). This signal can also be configured to
trigger an interrupt on the external IRQ pin by setting the
WSMP bit (Bit 17) in the IRQENA register (Address 0x22C
and Address 0x32C).
The ADE7953 also provides the option of issuing an unlatched,
data-ready signal at the same rate of 6.99 kHz. This signal provides
the same information as the WSMP interrupt, but it is unlatched
and, therefore, does not need to be serviced each time that new
data is available. The data-ready signal goes high for a period of
280 ns before automatically returning low. The data-ready signal
is disabled by default and can be output on the REVP, ZX, and
ZX_I pins by setting the REVP_ALT, ZX_ALT, and ZXI_ALT
bits to 1001 in the ALT_OUTPUT register (Address 0x110).
Table 7. Waveform Sampling Registers
Address
Measurement
Register
24-Bit
32-Bit
Active power
(Current Channel A)
AWATT
0x212
0x312
Active power
(Current Channel B)
BWATT
0x213
0x313
Reactive power
(Current Channel A)
AVAR
0x214
0x314
Reactive power
(Current Channel B)
BVAR
0x215
0x315
Apparent power
(Current Channel A)
AVA
0x210
0x310
Apparent power
(Current Channel B)
BVA
0x211
0x311
Current
(Current Channel A)
IA
0x216
0x316
Current
(Current Channel B)
IB
0x217
0x317
Voltage
(voltage channel)
V
0x218
0x318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com