Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS2916A Datasheet(PDF) 4 Page - Microchip Technology

Part # MTS2916A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS2916A Datasheet(HTML) 4 Page - Microchip Technology

  MTS2916A Datasheet HTML 1Page - Microchip Technology MTS2916A Datasheet HTML 2Page - Microchip Technology MTS2916A Datasheet HTML 3Page - Microchip Technology MTS2916A Datasheet HTML 4Page - Microchip Technology MTS2916A Datasheet HTML 5Page - Microchip Technology MTS2916A Datasheet HTML 6Page - Microchip Technology MTS2916A Datasheet HTML 7Page - Microchip Technology MTS2916A Datasheet HTML 8Page - Microchip Technology MTS2916A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MTS2916A
DS22259C-page 4
 2010-2013 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Logic Supply Voltage (VLOGIC) ......................... -0.3 to +5.5V
Load Supply Voltage (VLOAD) .......................... -0.3 to +40.0V
Logic Input Voltage Range (VIN) ....... -0.3 to VLOGIC + 0.3V
VREF Voltage Range (VREF) ............................. -0.3 to +10.0V
Output Current (Peak) ..................................................... ±1A
Output Current (Continuous) ...................................... ±0.75A
Sense Output Voltage ...................................... -0.3V to 1.5V
Junction Temperature (TJ).............................-40°C to +150°C
Operating Temperature Range (TOPR)..........-40°C to +105°C
Storage Temperature Range (TSTG) .............-55°C to +150°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are established for VLOGIC = 4.5V to 5.5V,
VLOAD = 30V, VREF = 5V, TA = +25°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
DC Characteristics
Logic Supply Voltage
VLOGIC
4.5
5.0
5.5
V
Load Supply Voltage
VLOAD
10
30
40
V
Logic Supply Current
IVLOGIC
—0.8
1.0
mA
VREF Voltage Range
VREF
1.5
5.0
7.0
V
Driver Supply Current
IVLOAD_ON
0.55
1.0
mA
Both Bridges ON, No Load
IVLOAD_OFF
0.55
1.0
mA
Both Bridges OFF
Control Logic Input Current
(VIN = 0V)
IIN
-70
µA
I01, I11 ,I02, I12, PHASE1,
PHASE2 (Note 1)
Logic-Low Input Voltage
VIL
0.8
V
I01, I11, I02, I12, PHASE1,
PHASE2
Logic-High Input Voltage
VIH
2.4
V
I01, I11, I02, I12, PHASE1,
PHASE2
Current Limit Threshold
Ratio (VREF ÷ VSENSE)
VREF_VSENSE
9.5
10
10.5
I0 = L, I1 = L
13.5
15
16.5
I0 = H, I1 = L
25.5
30
34.5
I0 = L, I1 = H
Driver Output Saturation
Voltage VCE(SAT)
VONN
(Low Side)
0.55
0.65
V
(Sink) IOUT = +500 mA
0.90
1.00
V
(Sink) IOUT = +750 mA
VONP
(High Side)
1.05
1.40
V
(Source) IOUT = -500 mA
1.85
2.10
V
(Source) IOUT = -750 mA
Clamp Diode Forward
Voltage (Note 2)
VF_NDIODE
0.95
1.30
V
IF = 750 mA
VF_PDIODE
1.00
1.30
V
IF = 750 mA
Driver Output
Leakage Current
ILEAK
——
-50
µA
VOUT = 0V
——
50
µA
VOUT = VLOAD
Thermal Shutdown
Temperature
TJ_SHDN
—170
°C
AC Characteristics
Cut-off Time
(one-shot pulse)
TOFF
—50
58
µs
RS =1, RC =1k, CC =820 pF,
Rt =56k, Ct =820 pF
Turn-off Delay
TD
—1.5
10
µs
Note 1:
VIN = 5.0V input current given by internal pull-up to Logic Supply.
2:
Clamp/Freewheel diode is the intrinsic body-drain diode of the NMOS and PMOS transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com