Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS2916A Datasheet(PDF) 10 Page - Microchip Technology

Part # MTS2916A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS2916A Datasheet(HTML) 10 Page - Microchip Technology

Back Button MTS2916A Datasheet HTML 6Page - Microchip Technology MTS2916A Datasheet HTML 7Page - Microchip Technology MTS2916A Datasheet HTML 8Page - Microchip Technology MTS2916A Datasheet HTML 9Page - Microchip Technology MTS2916A Datasheet HTML 10Page - Microchip Technology MTS2916A Datasheet HTML 11Page - Microchip Technology MTS2916A Datasheet HTML 12Page - Microchip Technology MTS2916A Datasheet HTML 13Page - Microchip Technology MTS2916A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MTS2916A
DS22259C-page 10
 2010-2013 Microchip Technology Inc.
When the maximum allowed current is reached, the
bridge source is turned off during a fixed period TOFF
(typically 50 µs) given by a non-retriggerable pulse
generator and the external timing components Rt
(20k-100 k
 range) and C
t (100 pF-1000 pF range):
EQUATION 3-2:
During TOFF, the winding current decreases. When the
driver is re-enabled, the winding current increases
again until it reaches the threshold, and the cycle
repeats itself, maintaining the load current at the
desired level.
FIGURE 3-3:
PWM Output Current
Waveform.
3.3
Circuit Protection
A thermal protection circuitry turns off all drivers when
the junction temperature exceeds a safe operating limit
of +170°C (typical). This protects the devices from
failure due to excessive heating. Despite this thermal
protection, output short circuits are not permitted. The
output
drivers
are
re-enabled
once
junction
temperature has dropped below +145°C (typical).
FIGURE 3-4:
Thermal Shutdown Output
vs. Temperature Showing Hysteresis.
An undervoltage lockout circuit protects the MTS2916A
from potential shoot-through currents when the load
supply voltage is applied prior to the logic supply volt-
age. The power bridge and all outputs are disabled if
VLOGIC is smaller than 4V.
With this protection feature, the circuit will withstand
any order of turn-on or turn-off of the supply voltages
VLOGIC and VLOAD. Normal dV/dt values are assumed.
F
i
g
u
r
e
5
.
2
:
T
OFF
1.1
R
t
C
t

=
PHASE
IOUT
+
0
IOUT
toff
td
ton
-
1
0
+170°C
+145°C
thshtd_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com