Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS2916A Datasheet(PDF) 1 Page - Microchip Technology

Part # MTS2916A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS2916A Datasheet(HTML) 1 Page - Microchip Technology

  MTS2916A Datasheet HTML 1Page - Microchip Technology MTS2916A Datasheet HTML 2Page - Microchip Technology MTS2916A Datasheet HTML 3Page - Microchip Technology MTS2916A Datasheet HTML 4Page - Microchip Technology MTS2916A Datasheet HTML 5Page - Microchip Technology MTS2916A Datasheet HTML 6Page - Microchip Technology MTS2916A Datasheet HTML 7Page - Microchip Technology MTS2916A Datasheet HTML 8Page - Microchip Technology MTS2916A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2010-2013 Microchip Technology Inc.
DS22259C-page 1
Features
• 750 mA Continuous Output Current
• Load Voltage Supply: 10V to 40V
• Full Bipolar Stepper Motor Drive Capability
• Bidirectional DC Motor Capability
• Internal Fixed TOFF Time PWM Current Control
• Internal Protection Diodes
• Internal Thermal Shutdown
• Under Voltage Lockout
• LS-TTL Compatible Logic Inputs with Pull-Up
Resistors
•Low RON Output Resistance
• Low Quiescent Current
• Operating Temperature Range: -40°C to +105°C
• Pin Compatible with Allegro 2916
Applications
• Stepper Motor Actuators
• DC Motor Actuators
• Automotive HVAC Ventilation
• Automotive Power Seats
Description
The MTS2916A motor driver is a CMOS device
capable of driving both windings of a bipolar stepper
motor or bidirectionally control two DC motors. Each of
the two independent H-bridge outputs is capable of
sustaining 40V and delivering up to 750 mA of
continuous current. The output current level is
controlled by an internal pulse-width modulation
(PWM) circuit that is configured using two logic inputs,
a current sense resistor and a selectable reference
voltage. The H-bridge outputs have been optimized to
provide a low output saturation voltage drop.
Full, half, and micro-stepping operations are possible
with the PWM current control and logic inputs. The
maximum output current is set by a sensing resistor
and a user selectable reference voltage. The output
current limit is selected using two logic level inputs. The
selectable output current limits are 0%, 33%, 67%, or
100% of the maximum output current. Each bridge has
a PHASE input signal which is used to control the direc-
tion of current flow through the H-bridge and the load.
The H-bridge power stage is controlled by non-overlap-
ping signals which prevent current cross conduction
when switching the direction of the current flow. Internal
clamp diodes protect against inductive transients.
Thermal protection circuitry disables the outputs when
the junction temperature exceeds the safe operating
limit. No special power-up sequencing is required.
Undervoltage Lockout circuitry prevents the chip from
operating when the load supply is applied prior to the
logic supply.
The device is supplied in a 24-pin SOP package.
Package Types
Note:
The MTS2916A device is formerly a
product of Advanced Silicon.
GND
1
2
3
4
24
23
22
21
20
19
18
17
5
6
7
8
OUT2A
VLOAD
I02
I12
PHASE2
VREF2
RC2
GND
16
9
COMPIN1
OUT1A
SENSE1
GND
GND
VLOGIC
OUT2B
15
10
RC1
VREF1
SENSE2
COMPIN2
MTS2916A
SOP-24
PHASE1
I11
OUT1B
I01
11
12
14
13
Dual Full-Bridge Motor Driver
MTS2916A


Similar Part No. - MTS2916A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTS2916A MICROCHIP-MTS2916A Datasheet
1Mb / 2P
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
More results

Similar Description - MTS2916A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2998 ALLEGRO-2998 Datasheet
165Kb / 6P
DUAL FULL-BRIDGE MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
Dual Full Bridge Motor Driver
logo
Microchip Technology
MTS62C19A MICROCHIP-MTS62C19A Datasheet
395Kb / 20P
Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909_16 Datasheet
313Kb / 10P
Dual Full Bridge Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com