Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS2916A Datasheet(PDF) 6 Page - Microchip Technology

Part # MTS2916A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS2916A Datasheet(HTML) 6 Page - Microchip Technology

Back Button MTS2916A Datasheet HTML 2Page - Microchip Technology MTS2916A Datasheet HTML 3Page - Microchip Technology MTS2916A Datasheet HTML 4Page - Microchip Technology MTS2916A Datasheet HTML 5Page - Microchip Technology MTS2916A Datasheet HTML 6Page - Microchip Technology MTS2916A Datasheet HTML 7Page - Microchip Technology MTS2916A Datasheet HTML 8Page - Microchip Technology MTS2916A Datasheet HTML 9Page - Microchip Technology MTS2916A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MTS2916A
DS22259C-page 6
 2010-2013 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
MTS2916A PIN FUNCTION TABLE
Pin No.
SOP-24
Type
Name
Function
1
Input
I02
Output 2 Current Selection Bit 0
2
Input
I12
Output 2 Current Selection Bit 1
3
Input
PHASE2
Output 2 Phase
4
Input
VREF2
Output 2 Current Reference
5
Input
RC2
Output 2 RC Time Constant
6
Power
GND
Negative Logic Supply (Ground)
7
Power
GND
Negative Logic Supply (Ground)
8
Power
VLOGIC
Positive Logic Supply Voltage
9
Input
RC1
Output 1 RC Time Constant
10
Input
VREF1
Output 1 Current Reference
11
Input
PHASE1
Output 1 Phase
12
Input
I11
Output 1 Current Selection Bit 1
13
Input
I01
Output 1 Current Selection Bit 0
14
Output
OUT1B
Output 1 ‘B’ Side of Motor Winding
15
Input
COMPIN1
Current Sense Comparator Input for Output 1
16
Input
SENSE1
Current Sense for Output 1
17
Output
OUT1A
Output 1 ‘A’ Side of Motor Winding
18
Power
GND
Negative Logic Supply (Ground)
19
Power
GND
Negative Logic Supply (Ground)
20
Output
OUT2A
Output 2 ‘A’ Side of Motor Winding
21
Input
SENSE2
Current Sense for Output 2
22
Input
COMPIN2
Current Sense Comparator Input for Output 2
23
Output
OUT2B
Output 2 ‘B’ Side of Motor Winding
24
Power
VLOAD
Positive Load Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com