Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS2916A Datasheet(PDF) 12 Page - Microchip Technology

Part # MTS2916A
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS2916A Datasheet(HTML) 12 Page - Microchip Technology

Back Button MTS2916A Datasheet HTML 8Page - Microchip Technology MTS2916A Datasheet HTML 9Page - Microchip Technology MTS2916A Datasheet HTML 10Page - Microchip Technology MTS2916A Datasheet HTML 11Page - Microchip Technology MTS2916A Datasheet HTML 12Page - Microchip Technology MTS2916A Datasheet HTML 13Page - Microchip Technology MTS2916A Datasheet HTML 14Page - Microchip Technology MTS2916A Datasheet HTML 15Page - Microchip Technology MTS2916A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MTS2916A
DS22259C-page 12
 2010-2013 Microchip Technology Inc.
4.2
Stepping Examples
The MTS2916A control modes are full-step, half-step,
modified half-step and microstepping control of the
motor, as shown in Figure 4-2.
FIGURE 4-2:
Examples of Stepping Modes Achievable with Typical Application Circuit.
4.3
PCB Design Guidelines
Unused inputs should be connected to fixed voltage
levels in order to get the highest noise immunity. Typi-
cal PCB layout guidelines for power applications
should be followed. These include separate power
ground planes, supply decoupling capacitors close to
the IC, short connections and use of maximized copper
areas to improve thermal dissipation.
Motor Current
in Phase 1
Motor Current
in Phase 2
I01
I11
PHASE1
I02
I12
PHASE2
Full-Step
12
34
Half-Step
12 3
45 6 7 8
Modified Half-Step
12 3
45 6 7 8
+500 mA
-500 mA
+500 mA
-500 mA
+333 mA
-333 mA
+167 mA
-167 mA
0
0
5V
Micro-Stepping (1/8th)
VREF1
VREF2
5V
5V
1...
...32
0V
0V
5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com