Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC712 Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16LC712
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712 Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16LC712 Datasheet HTML 53Page - Microchip Technology PIC16LC712 Datasheet HTML 54Page - Microchip Technology PIC16LC712 Datasheet HTML 55Page - Microchip Technology PIC16LC712 Datasheet HTML 56Page - Microchip Technology PIC16LC712 Datasheet HTML 57Page - Microchip Technology PIC16LC712 Datasheet HTML 58Page - Microchip Technology PIC16LC712 Datasheet HTML 59Page - Microchip Technology PIC16LC712 Datasheet HTML 60Page - Microchip Technology PIC16LC712 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 106 page
background image
 1999-2013 Microchip Technology Inc.
DS41106C-page 57
PIC16C712/716
FIGURE 9-8:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 9-9:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 2
FIGURE 9-10:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 3
9.8
Time-out Sequence
On power-up the time-out sequence is as follows: First
PWRT time-out is invoked after the POR time delay has
expired. Then OST is activated. The total time-out will
vary based on oscillator configuration and the status of
the PWRT. For example, in RC mode with the PWRT
disabled, there will be no time-out at all. Figure 9-11,
Figure 9-12,
and
Figure 9-13
depict
time-out
sequences on power-up.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(Figure 9-13). This is useful for testing purposes or to
synchronize more than one PIC16CXXX device
operating in parallel.
Table 9-5 shows the Reset conditions for some Special
Function Registers, while Table 9-6 shows the Reset
conditions for all the registers.
Note 1: This circuit will activate Reset when
VDD goes below (Vz + 0.7V) where
Vz = Zener voltage.
2: Internal Brown-out Reset circuitry
should be disabled when using this
circuit.
VDD
33k
10k
40k
VDD
MCLR
PIC16C7XX
Q1
Note 1: This brown-out circuit is less expensive,
albeit less accurate. Transistor Q1 turns
off when VDD is below a certain level
such that:
2: Internal Brown-out Reset should be
disabled when using this circuit.
3: Resistors should be adjusted for the
characteristics of the transistor.
VDD x
R1
R1 + R2
= 0.7V
VDD
R2
40k
VDD
MCLR
PIC16C7XX
R1
Q1
This
brown-out
protection
circuit
employs
Microchip Technology’s MCP809 microcontroller
supervisor. The MCP8XX and MCP1XX families
of supervisors provide push-pull and open
collector outputs with both high and low active
Reset pins. There are 7 different trip point
selections to accommodate 5V and 3V systems
MCLR
PIC16C7XX
VDD
VDD
Vss
RST
MCP809
VDD
bypass
capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com