Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC712 Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16LC712
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712 Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16LC712 Datasheet HTML 88Page - Microchip Technology PIC16LC712 Datasheet HTML 89Page - Microchip Technology PIC16LC712 Datasheet HTML 90Page - Microchip Technology PIC16LC712 Datasheet HTML 91Page - Microchip Technology PIC16LC712 Datasheet HTML 92Page - Microchip Technology PIC16LC712 Datasheet HTML 93Page - Microchip Technology PIC16LC712 Datasheet HTML 94Page - Microchip Technology PIC16LC712 Datasheet HTML 95Page - Microchip Technology PIC16LC712 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 106 page
background image
PIC16C712/716
DS41106C-page 92
 1999-2013 Microchip Technology Inc.
18-Lead Ceramic Dual In-line with Window (JW) – 300 mil (CERDIP)
3.30
3.56
3.81
5.33
5.08
4.83
.210
.200
.190
W2
Window Length
.150
.140
.130
W1
Window Width
10.80
9.78
8.76
.425
.385
.345
eB
Overall Row Spacing
§
0.53
0.47
0.41
.021
.019
.016
B
Lower Lead Width
1.52
1.40
1.27
.060
.055
.050
B1
Upper Lead Width
0.30
0.25
0.20
.012
.010
.008
c
Lead Thickness
3.81
3.49
3.18
.150
.138
.125
L
Tip to Seating Plane
23.37
22.86
22.35
.920
.900
.880
D
Overall Length
7.49
7.37
7.24
.295
.290
.285
E1
Ceramic Pkg. Width
8.26
7.94
7.62
.325
.313
.300
E
Shoulder to Shoulder Width
0.76
0.57
0.38
.030
.023
.015
A1
Standoff
4.19
4.06
3.94
.165
.160
.155
A2
Ceramic Package Height
4.95
4.64
4.32
.195
.183
.170
A
Top to Seating Plane
2.54
.100
p
Pitch
18
18
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
1
2
D
n
W2
E1
W1
c
eB
E
p
L
A2
B
B1
A
A1
* Controlling Parameter
§ Significant Characteristic
JEDEC Equivalent: MO-036
Drawing No. C04-010
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com