Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC712 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16LC712
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16LC712 Datasheet HTML 6Page - Microchip Technology PIC16LC712 Datasheet HTML 7Page - Microchip Technology PIC16LC712 Datasheet HTML 8Page - Microchip Technology PIC16LC712 Datasheet HTML 9Page - Microchip Technology PIC16LC712 Datasheet HTML 10Page - Microchip Technology PIC16LC712 Datasheet HTML 11Page - Microchip Technology PIC16LC712 Datasheet HTML 12Page - Microchip Technology PIC16LC712 Datasheet HTML 13Page - Microchip Technology PIC16LC712 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
PIC16C712/716
DS41106C-page 10
 1999-2013 Microchip Technology Inc.
2.2
Data Memory Organization
The data memory is partitioned into multiple banks
which contain the General Purpose Registers and the
Special Function Registers. Bits RP1 and RP0 are the
bank select bits.
= 00
 Bank 0
= 01
 Bank 1
= 10
 Bank 2 (not implemented)
= 11
 Bank 3 (not implemented)
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are General Purpose Registers, implemented as
static RAM. All implemented banks contain Special
Function Registers. Some “high use” Special Function
Registers from one bank may be mirrored in another
bank for code reduction and quicker access.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file can be accessed either directly, or
indirectly through the File Select Register FSR (see
Section 2.5 “Indirect Addressing, INDF and FSR
Registers”).
FIGURE 2-3:
REGISTER FILE MAP
RP1(1)
RP0
(STATUS<6:5>)
Note 1:
Maintain this bit clear to ensure upward
compatibility with future products.
Unimplemented data memory locations,
read as ‘0’.
Note 1: Not a physical register.
File
Address
File
Address
00h
INDF(1)
INDF(1)
80h
01h
TMR0
OPTION_REG
81h
02h
PCL
PCL
82h
03h
STATUS
STATUS
83h
04h
FSR
FSR
84h
05h
PORTA
TRISA
85h
06h
PORTB
TRISB
86h
07h
DATACCP
TRISCCP
87h
08h
88h
09h
89h
0Ah
PCLATH
PCLATH
8Ah
0Bh
INTCON
INTCON
8Bh
0Ch
PIR1
PIE1
8Ch
0Dh
8Dh
0Eh
TMR1L
PCON
8Eh
0Fh
TMR1H
8Fh
10h
T1CON
90h
11h
TMR2
91h
12h
T2CON
PR2
92h
13h
93h
14h
94h
15h
CCPR1L
95h
16h
CCPR1H
96h
17h
CCP1CON
97h
18h
98h
19h
99h
1Ah
9Ah
1Bh
9Bh
1Ch
9Ch
1Dh
9Dh
1Eh
ADRES
9Eh
1Fh
ADCON0
ADCON1
9Fh
20h
General
Purpose
Registers
96 Bytes
General
Purpose
Registers
32 Bytes
A0h
BFh
C0h
7Fh
FFh
Bank 0
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com