Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC712 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16LC712
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16LC712 Datasheet HTML 8Page - Microchip Technology PIC16LC712 Datasheet HTML 9Page - Microchip Technology PIC16LC712 Datasheet HTML 10Page - Microchip Technology PIC16LC712 Datasheet HTML 11Page - Microchip Technology PIC16LC712 Datasheet HTML 12Page - Microchip Technology PIC16LC712 Datasheet HTML 13Page - Microchip Technology PIC16LC712 Datasheet HTML 14Page - Microchip Technology PIC16LC712 Datasheet HTML 15Page - Microchip Technology PIC16LC712 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
PIC16C712/716
DS41106C-page 12
 1999-2013 Microchip Technology Inc.
Bank 1
80h
INDF(1)
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
0000 0000
81h
OPTION_
REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h
PCL(1)
Program Counter’s (PC) Least Significant Byte
0000 0000
0000 0000
83h
STATUS(1)
IRP(4)
RP1(4)
RP0
TO
PD
ZDC
C
rr01 1xxx
rr0q quuu
84h
FSR(1)
Indirect Data Memory Address Pointer
xxxx xxxx
uuuu uuuu
85h
TRISA
—
——(7)
PORTA Data Direction Register
--x1 1111
--x1 1111
86h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
87h
TRISCCP
—(7)
—(7)
—(7)
—(7)
—(7)
TCCP
—(7)
TT1CK
xxxx x1x1
xxxx x1x1
88h-89h
—
Unimplemented
—
—
8Ah
PCLATH(1,2)
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
8Bh
INTCON(1)
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
8Ch
PIE1
—ADIE
—
—
—
CCP1IE
TMR2IE
TMR1IE
-0-- -000
-0-- -000
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
—
—
—
—
POR
BOR
---- --qq
---- --uu
8Fh-91h
—
Unimplemented
—
—
92h
PR2
Timer2 Period Register
1111 1111
1111 1111
93h-9Eh
—
Unimplemented
—
—
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
---- -000
Legend: x = unknown, u = unchanged, q = value depends on condition, — = unimplemented, read as ‘0’,
Shaded locations are unimplemented, read as ‘0’.
Note 1: These registers can be addressed from either bank.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for PC<12:8> whose contents
are transferred to the upper byte of the program counter.
3:
Other (non Power-up) Resets include: external Reset through MCLR and the Watchdog Timer Reset.
4:
The IRP and RP1 bits are reserved. Always maintain these bits clear.
5:
On any device Reset, these pins are configured as inputs.
6:
This is the value that will be in the port output latch.
7:
Reserved bits; Do Not Use.
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
Resets (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com