Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC712 Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16LC712
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712 Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16LC712 Datasheet HTML 74Page - Microchip Technology PIC16LC712 Datasheet HTML 75Page - Microchip Technology PIC16LC712 Datasheet HTML 76Page - Microchip Technology PIC16LC712 Datasheet HTML 77Page - Microchip Technology PIC16LC712 Datasheet HTML 78Page - Microchip Technology PIC16LC712 Datasheet HTML 79Page - Microchip Technology PIC16LC712 Datasheet HTML 80Page - Microchip Technology PIC16LC712 Datasheet HTML 81Page - Microchip Technology PIC16LC712 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
PIC16C712/716
DS41106C-page 78
 1999-2013 Microchip Technology Inc.
Output Low Voltage
D080
VOL
I/O ports
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
C to +85C
——
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
-40
C to +125C
D083
OSC2/CLKOUT
(RC Osc mode)
——
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
C to +85C
——
0.6
V
IOL = 1.2 mA, VDD = 4.5V,
-40
C to +125C
Output High Voltage
D090
VOH
I/O ports (Note 3)
VDD-0.7
——
V
IOH = -3.0 mA, VDD = 4.5V,
-40
C to +85C
VDD-0.7
——
V
IOH = -2.5 mA, VDD = 4.5V,
-40
C to +125C
D092
OSC2/CLKOUT (RC Osc
mode)
VDD-0.7
——
V
IOH = -1.3 mA, VDD = 4.5V,
-40
C to +85C
VDD-0.7
——
V
IOH = -1.0 mA, VDD = 4.5V,
-40
C to +125C
D150*
VOD
Open-Drain High Voltage
——
8.5
V
RA4 pin
Capacitive Loading Specs on
Output Pins
D100
COSC2 OSC2 pin
——
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1.
D101
CIO
All I/O pins and OSC2 (in RC
mode)
——
50
pF
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
 TA
+70°C
for commercial
-40°C
 TA
+85°C
for industrial
-40°C
 TA  +125°C for extended
Operating voltage VDD range as described in DC spec Section 12.1
“DC Characteristics: PIC16C712/716-04 (Commercial, Industrial,
Extended) PIC16C712/716-20 (Commercial, Industrial,
Extended)” and Section 12.2 “DC Characteristics: PIC16LC712/
716-04 (Commercial, Industrial)”
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC Oscillator mode, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC
MCU be driven with external clock in RC mode.
2: The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com