Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F737 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F737
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F737 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F737 Datasheet HTML 35Page - Microchip Technology PIC16F737 Datasheet HTML 36Page - Microchip Technology PIC16F737 Datasheet HTML 37Page - Microchip Technology PIC16F737 Datasheet HTML 38Page - Microchip Technology PIC16F737 Datasheet HTML 39Page - Microchip Technology PIC16F737 Datasheet HTML 40Page - Microchip Technology PIC16F737 Datasheet HTML 41Page - Microchip Technology PIC16F737 Datasheet HTML 42Page - Microchip Technology PIC16F737 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 39
PIC16F7X7
FIGURE 4-6:
PIC16F7X7 CLOCK DIAGRAM
4.6.4
MODIFYING THE IRCF BITS
The IRCF bits can be modified at any time regardless of
which clock source is currently being used as the
system clock. The internal oscillator allows users to
change the frequency during run time. This is achieved
by modifying the IRCF bits in the OSCCON register.
The sequence of events that occur after the IRCF bits
are modified is dependent upon the initial value of the
IRCF bits before they are modified. If the INTRC
(31.25 kHz, IRCF<2:0> = 000) is running and the IRCF
bits are modified to any other value than ‘000’, a 4 ms
(approx.) clock switch delay is turned on. Code execu-
tion continues at a higher than expected frequency
while the new frequency stabilizes. Time sensitive code
should wait for the IOFS bit in the OSCCON register to
become set before continuing. This bit can be
monitored to ensure that the frequency is stable before
using the system clock in time critical applications.
If the IRCF bits are modified while the internal oscillator
is running at any other frequency than INTRC
(31.25 kHz, IRCF<2:0>
 000), there is no need for a
4 ms (approx.) clock switch delay. The new INTOSC
frequency will be stable immediately after the eight
falling edges. The IOFS bit will remain set after clock
switching occurs.
Secondary Oscillator
T1OSCEN
Enable
Oscillator
T1OSO
T1OSI
OSC1
OSC2
Sleep
Primary Oscillator
LP, XT, HS, RC, EC
T1OSC
CPU
Peripherals
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
125 kHz
250 kHz
OSCCON<6:4>
111
110
101
100
011
010
001
000
31.25 kHz
31.25 kHz
Source
Internal
Oscillator
Block
WDT, FSCM
31.25 kHz
8 MHz
Internal Oscillator
(INTRC)
(INTOSC)
CONFIG1 (FOSC2:FOSC0)
SCS<1:0> (T1OSC)
To Timer1
Note:
Caution must be taken when modifying the
IRCF bits using BCF or BSF instructions. It
is possible to modify the IRCF bits to a
frequency that may be out of the VDD
specification range; for example:
VDD = 2.0V and IRCF = 111 (8 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com