Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F737 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F737
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F737 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F737 Datasheet HTML 3Page - Microchip Technology PIC16F737 Datasheet HTML 4Page - Microchip Technology PIC16F737 Datasheet HTML 5Page - Microchip Technology PIC16F737 Datasheet HTML 6Page - Microchip Technology PIC16F737 Datasheet HTML 7Page - Microchip Technology PIC16F737 Datasheet HTML 8Page - Microchip Technology PIC16F737 Datasheet HTML 9Page - Microchip Technology PIC16F737 Datasheet HTML 10Page - Microchip Technology PIC16F737 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 7
PIC16F7X7
FIGURE 1-2:
PIC16F747 AND PIC16F777 BLOCK DIAGRAM
Standard
Program
Memory
4K/8K x 14
13
Data Bus
8
14
Program
Bus
Instruction Register
Program Counter
8-Level Stack
(13-bit)
RAM
File
Registers
368 x 8
Direct Addr
7
RAM Addr(1)
9
Addr MUX
Indirect
Addr
FSR reg
Status reg
MUX
ALU
WREG
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKI
OSC2/CLKO
VDD, VSS
PORTA
PORTB
PORTC
PORTD
PORTE
RA4/T0CKI/C1OUT
RA5/AN4/LVDIN/
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2(1)
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX/CK
RC7/RX/DT
RD7/PSP7:RD0/PSP0
RE0/RD/AN5
RE1/WR/AN6
RE2/CS/AN7
8
8
Brown-out
Reset
Note 1: Pin location of CCP2 is determined by the CCPMX bit in Configuration Word Register 1.
USART
CCP1, 2, 3
MSSP
10-bit A/D
Timer0
Timer1
Timer2
RA3/AN3/VREF+
RA2/AN2/VREF-/CVREF
RA1/AN1
RA0/AN0
Parallel Slave Port
8
3
Comparators
BOR/LVD
Addressable
RB0/INT/AN12
RB7/PGD:RB6/PGC
RB1/AN10
RB2/AN8
RB3/CCP2(1)/AN9
RB4/AN11
RB5/AN13/CCP3
MCLR/VPP/RE3
Flash
SS/C2OUT
OSC2/CLKO/RA6
OSC1/CLKI/RA7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com