Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F737 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16F737
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F737 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16F737 Datasheet HTML 4Page - Microchip Technology PIC16F737 Datasheet HTML 5Page - Microchip Technology PIC16F737 Datasheet HTML 6Page - Microchip Technology PIC16F737 Datasheet HTML 7Page - Microchip Technology PIC16F737 Datasheet HTML 8Page - Microchip Technology PIC16F737 Datasheet HTML 9Page - Microchip Technology PIC16F737 Datasheet HTML 10Page - Microchip Technology PIC16F737 Datasheet HTML 11Page - Microchip Technology PIC16F737 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 280 page
background image
PIC16F7X7
DS30498D-page 8
 2003-2013 Microchip Technology Inc.
TABLE 1-2:
PIC16F737 AND PIC16F767 PINOUT DESCRIPTION
Pin Name
PDIP
SOIC
SSOP
Pin #
QFN
Pin #
I/O/P
Type
Buffer
Type
Description
OSC1/CLKI/RA7
OSC1
CLKI
RA7
96
I
I
I/O
ST/CMOS(3)
ST
Oscillator crystal or external clock input.
Oscillator crystal input or external clock source input. ST
buffer when configured in RC mode; otherwise CMOS.
External clock source input. Always associated with pin
function OSC1 (see OSC1/CLKI, OSC2/CLKO pins).
Digital I/O.
OSC2/CLKO/RA6
OSC2
CLKO
RA6
10
7
O
O
I/O
—
ST
Oscillator crystal or clock output.
Oscillator crystal output.
Connects to crystal or resonator in Crystal Oscillator
mode.
In RC mode, OSC2 pin outputs CLKO which has 1/4 the
frequency of OSC1 and denotes the instruction cycle rate.
Digital I/O.
MCLR/VPP/RE3
MCLR
VPP
RE3
126
I
P
I
ST
ST
Master Clear (input) or programming voltage (output).
Master Clear (Reset) input. This pin is an active-low
Reset to the device.
Programming voltage input.
Digital input only pin.
PORTA is a bidirectional I/O port.
RA0/AN0
RA0
AN0
227
I/O
I
TTL
Digital I/O.
Analog input 0.
RA1/AN1
RA1
AN1
328
I/O
I
TTL
Digital I/O.
Analog input 1.
RA2/AN2/VREF-/CVREF
RA2
AN2
VREF-
CVREF
41
I/O
I
I
0
TTL
Digital I/O.
Analog input 2.
A/D reference voltage input (low).
Comparator voltage reference output.
RA3/AN3/VREF+
RA3
AN3
VREF+
52
I/O
I
I
TTL
Digital I/O.
Analog input 3.
A/D reference voltage input (high).
RA4/T0CKI/C1OUT
RA4
T0CKI
C1OUT
63
I/O
I
O
ST
Digital I/O – Open-drain when configured as output.
Timer0 external clock input.
Comparator 1 output bit.
RA5/AN4/LVDIN/SS/C2OUT
RA5
AN4
LVDIN
SS
C2OUT
74
I/O
I
I/O
I
O
TTL
Digital I/O.
Analog input 4.
Low-Voltage Detect input.
SPI slave select input.
Comparator 2 output bit.
Legend:
I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.
4:
Pin location of CCP2 is determined by the CCPMX bit in Configuration Word Register 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com