Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F737 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F737
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F737 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F737 Datasheet HTML 9Page - Microchip Technology PIC16F737 Datasheet HTML 10Page - Microchip Technology PIC16F737 Datasheet HTML 11Page - Microchip Technology PIC16F737 Datasheet HTML 12Page - Microchip Technology PIC16F737 Datasheet HTML 13Page - Microchip Technology PIC16F737 Datasheet HTML 14Page - Microchip Technology PIC16F737 Datasheet HTML 15Page - Microchip Technology PIC16F737 Datasheet HTML 16Page - Microchip Technology PIC16F737 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 13
PIC16F7X7
PORTC is a bidirectional I/O port.
RC0/T1OSO/T1CKI
RC0
T1OSO
T1CKI
15
34
32
I/O
O
I
ST
Digital I/O.
Timer1 oscillator output.
Timer1 external clock input.
RC1/T1OSI/CCP2
RC1
T1OSI
CCP2(5)
16
35
35
I/O
I
I/O
ST
Digital I/O.
Timer1 oscillator input.
Capture 2 input, Compare 2 output, PWM 2 output.
RC2/CCP1
RC2
CCP1
17
36
36
I/O
I/O
ST
Digital I/O.
Capture 1 input, Compare 1 output, PWM 1 output.
RC3/SCK/SCL
RC3
SCK
SCL
18
37
37
I/O
I/O
I/O
ST
Digital I/O.
Synchronous serial clock input/output
for SPI mode.
Synchronous serial clock input/output
for I2C™ mode.
RC4/SDI/SDA
RC4
SDI
SDA
23
42
42
I/O
I
I/O
ST
Digital I/O.
SPI data in.
I2C data I/O.
RC5/SDO
RC5
SDO
24
43
43
I/O
O
ST
Digital I/O.
SPI data out.
RC6/TX/CK
RC6
TX
CK
25
44
44
I/O
O
I/O
ST
Digital I/O.
AUSART asynchronous transmit.
AUSART synchronous clock.
RC7/RX/DT
RC7
RX
DT
26
1
1
I/O
I
I/O
ST
Digital I/O.
AUSART asynchronous receive.
AUSART synchronous data.
TABLE 1-3:
PIC16F747 AND PIC16F777 PINOUT DESCRIPTION (CONTINUED)
Pin Name
PDIP
Pin #
QFN
Pin #
TQFP
Pin #
I/O/P
Type
Buffer
Type
Description
Legend:
I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1:
This buffer is a Schmitt Trigger input when configured as an external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured as a general purpose I/O and a TTL input when used in the Parallel
Slave Port mode (for interfacing to a microprocessor bus).
4:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.
5:
Pin location of CCP2 is determined by the CCPMX bit in Configuration Word Register 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com