Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F737 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F737
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F737 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F737 Datasheet HTML 1Page - Microchip Technology PIC16F737 Datasheet HTML 2Page - Microchip Technology PIC16F737 Datasheet HTML 3Page - Microchip Technology PIC16F737 Datasheet HTML 4Page - Microchip Technology PIC16F737 Datasheet HTML 5Page - Microchip Technology PIC16F737 Datasheet HTML 6Page - Microchip Technology PIC16F737 Datasheet HTML 7Page - Microchip Technology PIC16F737 Datasheet HTML 8Page - Microchip Technology PIC16F737 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 1
PIC16F7X7
Low-Power Features:
• Power-Managed modes:
- Primary Run (XT, RC oscillator, 76
A,
1MHz, 2V)
- RC_RUN (7
A, 31.25 kHz, 2V)
- SEC_RUN (9
A, 32 kHz, 2V)
- Sleep (0.1
A, 2V)
• Timer1 Oscillator (1.8
A, 32 kHz, 2V)
• Watchdog Timer (0.7
A, 2V)
• Two-Speed Oscillator Start-up
Oscillators:
• Three Crystal modes:
- LP, XT, HS (up to 20 MHz)
• Two External RC modes
• One External Clock mode:
- ECIO (up to 20 MHz)
• Internal Oscillator Block:
- 8 user-selectable frequencies (31 kHz,
125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz,
4MHz, 8MHz)
Analog Features:
• 10-bit, up to 14-channel Analog-to-Digital Converter:
- Programmable Acquisition Time
- Conversion available during Sleep mode
• Dual Analog Comparators
• Programmable Low-Current Brown-out Reset
(BOR) Circuitry and Programmable Low-Voltage
Detect (LVD)
Peripheral Features:
• High Sink/Source Current: 25 mA
• Two 8-bit Timers with Prescaler
• Timer1/RTC module:
- 16-bit timer/counter with prescaler
- Can be incremented during Sleep via
external 32 kHz watch crystal
• Master Synchronous Serial Port (MSSP) with
3-wire SPI and I2CTM (Master and Slave) modes
• Addressable Universal Synchronous
Asynchronous Receiver Transmitter (AUSART)
• Three Capture, Compare, PWM modules:
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10 bits
• Parallel Slave Port (PSP) – 40/44-pin devices only
Special Microcontroller Features:
• Fail-Safe Clock Monitor for protecting critical
applications against crystal failure
• Two-Speed Start-up mode for immediate code
execution
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Programmable Code Protection
• Processor Read Access to Program Memory
• Power-Saving Sleep mode
• In-Circuit Serial Programming
(ICSP)via
two pins
• MPLAB® In-Circuit Debug (ICD) via two pins
•MCLR pin function replaceable with input only pin
Device
Program
Memory
(# Single-Word
Instructions)
Data
SRAM
(Bytes)
I/O
10-bit
A/D (ch)
CCP
(PWM)
MSSP
AUSART
Timers
8/16-bit
SPI
I2C™
(Master)
PIC16F737
4096
368
25
16
11
2
3
Yes
Yes
Yes
2/1
PIC16F747
4096
368
36
17
14
2
3
Yes
Yes
Yes
2/1
PIC16F767
8192
368
25
16
11
2
3
Yes
Yes
Yes
2/1
PIC16F777
8192
368
36
17
14
2
3
Yes
Yes
Yes
2/1
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with
10-Bit A/D and nanoWatt Technology


Similar Part No. - PIC16F737

ManufacturerPart #DatasheetDescription
logo
Matrix Technology Solut...
PIC16F737 MATRIX-PIC16F737 Datasheet
2Mb / 13P
This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).
logo
Microchip Technology
PIC16F737-I MICROCHIP-PIC16F737-I Datasheet
3Mb / 276P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
10/20/04
More results

Similar Description - PIC16F737

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F767 MICROCHIP-PIC16F767 Datasheet
5Mb / 276P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC16F7X7 MICROCHIP-PIC16F7X7 Datasheet
4Mb / 276P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2X1X MICROCHIP-PIC18F2X1X_07 Datasheet
6Mb / 378P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
7Mb / 420P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2X1X MICROCHIP-PIC18F2X1X_09 Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC16F737-I MICROCHIP-PIC16F737-I Datasheet
3Mb / 276P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
10/20/04
PIC16F777-I MICROCHIP-PIC16F777-I Datasheet
3Mb / 276P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com