Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC850
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850 Datasheet(HTML) 5 Page - Microchip Technology

  TC850 Datasheet HTML 1Page - Microchip Technology TC850 Datasheet HTML 2Page - Microchip Technology TC850 Datasheet HTML 3Page - Microchip Technology TC850 Datasheet HTML 4Page - Microchip Technology TC850 Datasheet HTML 5Page - Microchip Technology TC850 Datasheet HTML 6Page - Microchip Technology TC850 Datasheet HTML 7Page - Microchip Technology TC850 Datasheet HTML 8Page - Microchip Technology TC850 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2001-2012 Microchip Technology Inc.
DS21479D-page 5
TC850
FIGURE 1-1:
Standard Test Circuit Configuration
VDD
VSS
16
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
17
TC850
0.01
μF Input
+1.6384V
+0.0256V
100 M
Ω
120 MkW
1
μF*
1
μF*
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
BUFFER
OSC1
OSC2
INTIN
INTOUT
CINTB CBUFA CBUFB
CINTA
RINT
CINT
COMP
TEST
NC
18
21
28
27
29
26
19
23
24
25
35
34
37
38
36
33
39
30
31
61.44 kHz
20
22
40
-5V
+5V
DGND
32
**
**
NOTES: Unless otherwise specified, all 0.1
μF capacitors are film dielectric.
Ceramic capacitors are not recommended.
NC = No Connection
*Polypropylene capacitors.
** 100 pF Mica capacitors.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
BUSY
CS
CE
WR
RD
CONT/DEMAND
OVR/POL
L/H
IN-
IN+
REF-
ANALOG COMMON
REF1+
REF2+
CREF1+
CREF1-
CREF2-
CREF2+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com