Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC850
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850 Datasheet(HTML) 1 Page - Microchip Technology

  TC850 Datasheet HTML 1Page - Microchip Technology TC850 Datasheet HTML 2Page - Microchip Technology TC850 Datasheet HTML 3Page - Microchip Technology TC850 Datasheet HTML 4Page - Microchip Technology TC850 Datasheet HTML 5Page - Microchip Technology TC850 Datasheet HTML 6Page - Microchip Technology TC850 Datasheet HTML 7Page - Microchip Technology TC850 Datasheet HTML 8Page - Microchip Technology TC850 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2001-2012 Microchip Technology Inc.
DS21479D-page 1
TC850
Features:
• 15-bit Resolution Plus Sign Bit
• Up to 40 Conversions per Second
• Integrating ADC Technique:
- Monotonic
- High Noise Immunity
- Auto-Zeroed Amplifiers Eliminate Offset
Trimming
• Wide Dynamic Range: 96 dB
• Low Input Bias Current: 30 pA
• Low Input Noise: 30
V
P-P
• Sensitivity: 100
V
• Flexible Operational Control
• Continuous or On Demand Conversions
• Data Valid Output
• Bus Compatible, 3-State Data Outputs:
-8-Bit Data Bus
-Simple
P Interface
- Two Chip Enables
- Read ADC Result Like Memory
• ± 5V Power Supply Operation: 20 m
• 40-Pin Dual-in-Line or 44-Pin PLCC Packages
Applications:
• Precision Analog Signal Processor
• Precision Sensor Interface
• High Accuracy DC Measurements
Device Selection Table
Package Types
Part Number
Package
Temperature
Range
TC850CPL
40-Pin PDIP
0
C to +70C
TC850IJL
40-Pin CERDIP
-25
C to +85C
TC850CLW
44-Pin PLCC
0
C to +70C
TC850ILW
44-Pin PLCC
-25
C to +85C
TC850CPL
TC850IJL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
ANALOG
COMMON
CBUFB
BUFFER
INTIN
INTOUT
COMP
40-Pin PDIP/CERDIP
DGND
CINTA
CBUFA
CINTB
IN-
IN+
REF-
TEST
OSC2
OSC1
BUSY
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
CS
CE
WR
RD
CONT/DEMAND
OVR/POL
L/H
VSS
VDD
REF1+
REF2+
CREF1+
CREF2+
CREF1-
CREF2-
NC = No Internal Connection
44-Pin PLCC
33
34
35
36
37
38
39
13
10
9
8
7
18 19 20 21
23 24
6
543
1
44
2
22
43 42 41 40
25 26 27 28
32
14
31
15
30
16
29
17
11
12
TC850CLW
TC850ILW
NC
DB0
DB1
DB2
DB3
DB4
NC
DB5
DB6
DB7
IN-
IN+
REF2+
CREF2+
CREF2-
ANALOG
COMMON
CBUFB
CINTA
CBUFA
CINTB
OVR/POL
L/H
15-Bit, Fast Integrating CMOS A/D Converter


Similar Part No. - TC850

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC850 TELCOM-TC850 Datasheet
164Kb / 14P
15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
NXP Semiconductors
TC8500 PHILIPS-TC8500 Datasheet
1Mb / 82P
Sistemas de Conmutador-Control Microprocesador-Base Allegiant
1997
logo
TelCom Semiconductor, I...
TC850CLW TELCOM-TC850CLW Datasheet
164Kb / 14P
15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC850CLW MICROCHIP-TC850CLW Datasheet
539Kb / 26P
15-Bit, Fast Integrating CMOS A/D Converter
2006
More results

Similar Description - TC850

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC850 TELCOM-TC850 Datasheet
164Kb / 14P
15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
List of Unclassifed Man...
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
Precision 22 Bit Integrating A/D Converter
ADC150 ETC-ADC150 Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
Programmable Integrating A/D Converter
ADC-908 ETC1-ADC-908 Datasheet
859Kb / 12P
CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
Renesas Technology Corp
M62301SP RENESAS-M62301SP Datasheet
157Kb / 12P
10 to 12-bit 4-ch Integrating A/D Converter
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
Programmable Integrating A/D Converter
ADC180 RHOPOINT-ADC180 Datasheet
259Kb / 7P
Programmable Integrating A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com