Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC850
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC850 Datasheet HTML 7Page - Microchip Technology TC850 Datasheet HTML 8Page - Microchip Technology TC850 Datasheet HTML 9Page - Microchip Technology TC850 Datasheet HTML 10Page - Microchip Technology TC850 Datasheet HTML 11Page - Microchip Technology TC850 Datasheet HTML 12Page - Microchip Technology TC850 Datasheet HTML 13Page - Microchip Technology TC850 Datasheet HTML 14Page - Microchip Technology TC850 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
 2001-2012 Microchip Technology Inc.
DS21479D-page 11
TC850
5.0
PIN DESCRIPTION (ANALOG)
5.1
Differential Inputs (IN+ and IN–)
The analog signal to be measured is applied at the IN+
and IN– inputs. The differential input voltage must be
within the Common mode range of the converter. The
input Common mode range extends from VDD - 1.5V to
VSS +1.5V. Within this Common mode voltage range,
an 80 dB CMRR is typical.
The integrator output also follows the Common mode
voltage. The integrator output must not be allowed to
saturate. A worst-case condition exists, for example,
when a large, positive Common mode voltage, with a
near full scale negative differential input voltage, is
applied. The negative input signal drives the integrator
positive when most of its available swing has been
used up by the positive Common mode voltage. For
applications where maximum Common mode range is
critical, integrator swing can be reduced. The integrator
output can swing within 0.4V of either supply without
loss of linearity.
5.2
Differential Reference (VREF)
The TC850 requires two reference voltage sources in
order to generate the “fast-slow” de-integrate phases.
The main voltage reference (VREF1) is applied between
the REF1+ and REF- pins. The secondary reference
(VREF2) is applied between the REF2+ and REF- pins.
The reference voltage inputs are fully differential and
the reference voltage can be generated anywhere
within the power supply voltage of the converter. How-
ever, to minimize rollover error, especially at high con-
version rates, keep the reference Common mode
voltage (i.e., REF-) near or at the analog common
potential. All voltage reference inputs are high-imped-
ance. Average reference input current is typically only
30 pA.
5.3
Analog Common (ANALOG
COMMON)
Analog common is used as the IN- return during the
zero integrator and de-integrate phases of each con-
version. If IN- is at a different potential than analog
common, a Common mode voltage exists in the sys-
tem. This signal is rejected by the 80dB CMRR of the
converter. However, in most applications, IN- will be set
at a fixed, known voltage (power supply common, for
instance). In this case, analog common should be tied
to the same point so that the Common mode voltage is
eliminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com