Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC850
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC850 Datasheet HTML 8Page - Microchip Technology TC850 Datasheet HTML 9Page - Microchip Technology TC850 Datasheet HTML 10Page - Microchip Technology TC850 Datasheet HTML 11Page - Microchip Technology TC850 Datasheet HTML 12Page - Microchip Technology TC850 Datasheet HTML 13Page - Microchip Technology TC850 Datasheet HTML 14Page - Microchip Technology TC850 Datasheet HTML 15Page - Microchip Technology TC850 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
TC850
DS21479D-page 12
 2001-2012 Microchip Technology Inc.
6.0
DIGITAL SECTION
DESCRIPTION
The TC850 digital section consists of two sets of con-
version counters, control and sequencing logic, clock
oscillator and divider, data latches and an 8-bit, 3-state
interface bus. A simplified schematic of the bus
interface logic is shown in Figure 6-1
6.1
Clock Oscillator
The TC850 includes a crystal oscillator on-chip. All that
is required is to connect a crystal across OSC1 and
OSC2 pins and to add two inexpensive capacitors
(Figure 1-1). The oscillator output is ÷ 4 prior to clock-
ing the A/D internal counters. For example, a 100 kHz
crystal produces a system clock frequency of 25 kHz.
Since each conversion requires 1280 clock periods, in
this case the conversion rate will be 25,000/1280, or
19.5 conversions per second.
In most applications, however, an external clock is
divided down from the microprocessor clock. In this
case, the OSC1 pin is used as the external oscillator
input and OSC2 is left unconnected. The external clock
driver should swing from digital ground to VDD. The ÷ 4
function is active for both external clock and crystal
oscillator operations.
FIGURE 6-1:
Bus Interface Simplified Schematic
6.2
Digital Operating Modes
Two modes of operation are available with the TC850,
continuous conversions and on-demand. The Operat-
ing mode is controlled by the CONT/DEMAND input.
The bus interface method is different for Continuous
and Demand modes of operation.
6.2.1
DEMAND MODE OPERATION
When CONT/DEMAND is low, the TC850 performs one
conversion each time the chip is selected and the WR
input is pulsed low. Data is valid on the falling edge of
the BUSY output and can be accessed using the
interface truth table (Table 6-1).
6.2.2
CONTINUOUS MODE OPERATION
When CONT/DEMAND is high, the TC850 continu-
ously performs conversions. Data will be valid on the
falling edge of the BUSY output and remains valid for
443-1/2 clock cycles.
The low/high (L/H) byte-select and overrange/polarity
(OVR/POL) inputs are disabled during Continuous mode
operation. Data must be read in three consecutive bytes,
as shown in Table 6-1.
RD
L/H
3-State
Buffer
Output
Enable
End of Conversion
CONT/
DEMAND
Start
Conversion
To A/D
Control Logic
Octal
2-Input Mux
Select
Low-Byte
Up/Down
Counter
High-Byte
Up/Down
Counter
Polarity
Overrange
TC850
8
Select
2-Input Mux
DBO–DB7
8
7
8
CE
CS
WR
POL/OVR
Note:
In Continuous mode, the conversion result
must be read within 443-1/2 clock cycles
of the BUSY output falling edge. After this
time (i.e.,1/2 clock cycle before BUSY
goes high) the internal counters are reset
and the data is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com