Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC850
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC850 Datasheet HTML 2Page - Microchip Technology TC850 Datasheet HTML 3Page - Microchip Technology TC850 Datasheet HTML 4Page - Microchip Technology TC850 Datasheet HTML 5Page - Microchip Technology TC850 Datasheet HTML 6Page - Microchip Technology TC850 Datasheet HTML 7Page - Microchip Technology TC850 Datasheet HTML 8Page - Microchip Technology TC850 Datasheet HTML 9Page - Microchip Technology TC850 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TC850
DS21479D-page 6
 2001-2012 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
(40-Pin
PDIP/CERDIP)
Pin Number
(44-Pin PLCC)
Symbol
Description
1
2
CS
Chip Select, active HIGH. Logically ANDed, with CE to enable read and write
inputs (Note 1).
23
CE
Chip enable, active LOW (Note 2).
34
WR
Write input, active LOW. When chip is selected (CS = HIGH and CE = LOW) and
in Demand mode (CONT/DEMAND = LOW), a logic LOW on WR starts a
conversion (Note 1).
45
RD
Read input, active LOW. When CS = HIGH and CE = LOW, a logic LOW on RD
enables the 3-state data outputs (Note 2).
5
6
CONT/
DEMAND
Conversion control input. When CONT/DEMAND = LOW, conversions are initi-
ated by the WR input. When CONT/DEMAND = HIGH, conversions are
performed continuously (Note 1).
67
OVR/POL
Overrange/polarity data-select input. When making conversions in the Demand
mode (CONT/DEMAND = LOW), OVR/POL controls the data output on DB7
when the high-order byte is active (Note 2).
78
L/H
Low/high byte-select input. When CONT/DEMAND = LOW, this input controls
whether low-byte or high-byte data is enabled on DB0 through DB7 (Note 2).
8
9
DB7
Most Significant data bit output. When reading the A/D conversion result, the
polarity, overrange and DB7 data are output on this pin.
9-15
10-17
DB6-DB0
Data outputs DB6-DB0. 3-state, bus compatible.
16
18
BUSY
A/D conversion status output. BUSY goes to a logic HIGH at the beginning of the
de-integrate phase, then goes LOW when conversion is complete. The falling
edge of BUSY can be used to generate a
P interrupt.
17
19
OSC1
Crystal oscillator connection or external oscillator input.
18
20
OSC2
Crystal oscillator connection.
19
21
TEST
For factory testing purposes only. Do not make external connection to this pin.
20
22
DGND
Digital ground connection.
21
24
COMP
Connection for comparator auto-zero capacitor. Bypass to VSS with 0.1 F.
22
25
VSS
Negative power supply connection, typically -5V.
23
26
INTOUT
Output of the integrator amplifier. Connect to CINT.
24
27
INTIN
Input to the integrator amplifier. Connect to summing node of RINT and CINT.
25
28
BUFFER
Output of the input buffer. Connect to RINT.
26
29
CBUFB
Connection for buffer auto-zero capacitor. Bypass to VSS with 0.1 F.
27
30
CBUFA
Connection to buffer auto-zero capacitor. Bypass to VSS with 0.1 F.
28
31
CINTA
Connection for integrator auto-zero capacitor. Bypass to VSS with 0.1 F.
29
32
CINTB
Connection for integrator auto-zero capacitor. Bypass to VSS with 0.1 F.
30
33
ANALOG
COMMON
Analog common.
31
35
IN–
Negative differential analog input.
32
36
IN+
Positive differential analog input.
Note
1: This pin incorporates a pull-down resistor to DGND.
2: This pin incorporates a pull-up resistor to VDD.
3: Pins 1, 23 and 34 (44-PLCC) package are NC “No Internal connection”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com