Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240ECH Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1240ECH
Description  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240ECH Datasheet(HTML) 3 Page - Microchip Technology

  TC1240ECH Datasheet HTML 1Page - Microchip Technology TC1240ECH Datasheet HTML 2Page - Microchip Technology TC1240ECH Datasheet HTML 3Page - Microchip Technology TC1240ECH Datasheet HTML 4Page - Microchip Technology TC1240ECH Datasheet HTML 5Page - Microchip Technology TC1240ECH Datasheet HTML 6Page - Microchip Technology TC1240ECH Datasheet HTML 7Page - Microchip Technology TC1240ECH Datasheet HTML 8Page - Microchip Technology TC1240ECH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21516D-page 3
TC1240/TC1240A
TC1240A ELECTRICAL SPECIFICATIONS
Electrical Specifications: Unless otherwise noted, typical values apply at TA = +25°C. Minimum and maximum
values apply for TA = -40° to +85°C, and VIN = +5.0V, C1 = C2 = 3.3 µF, SHDN = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Current
IDD
—
550
900
µA
RLOAD = 
Shutdown Supply Current
ISHDN
—
0.01
1.0
µA
SHDN = VIN
Minimum Supply Voltage
VMIN
2.5
—
—
V
Maximum Supply Voltage
VMAX
——
5.5
V
Output Current
ILOAD
20
—
—
mA
Sum of the RDS(ON) of the
internal MOSFET Switches
RSW
—4
8
ILOAD = 20 mA
Oscillator Frequency
FOSC
—160
—
kHz
TA = -40°C to +85°C
Switching Frequency (Note 1)
FSW
40
80
125
kHz
TA = -40°C to +85°C
Shutdown Input Logic High
VIH
1.4
—
—
V
VIN = VMIN to VMAX
Shutdown Input Logic Low
VIL
——
0.4
V
VIN = VMIN to VMAX
Power Efficiency
PEFF
86
94
—
%
ILOAD = 5 mA
Voltage Conversion Efficiency
VEFF
99
99.96
—
%
RLOAD = 
Output Resistance (Note 2)
ROUT
—
—
12
—
—
25
ILOAD = 20 µA
TA = -40°C to +85°C
Note 1:
Switching frequency is one-half internal oscillator frequency.
2:
Capacitor contribution is approximately 26% of the output impedance [ESR = 1 / switching frequency x
capacitance].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com