Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240ECH Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1240ECH
Description  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240ECH Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1240ECH Datasheet HTML 4Page - Microchip Technology TC1240ECH Datasheet HTML 5Page - Microchip Technology TC1240ECH Datasheet HTML 6Page - Microchip Technology TC1240ECH Datasheet HTML 7Page - Microchip Technology TC1240ECH Datasheet HTML 8Page - Microchip Technology TC1240ECH Datasheet HTML 9Page - Microchip Technology TC1240ECH Datasheet HTML 10Page - Microchip Technology TC1240ECH Datasheet HTML 11Page - Microchip Technology TC1240ECH Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC1240/TC1240A
DS21516D-page 8
 2001-2012 Microchip Technology Inc.
The switching frequency in Equation 5-1b is defined as
one-half the oscillator frequency (i.e., FSW = FOSC/2).
The 1/(FSW)(C1) term in Equation 5-1b is the effective
output resistance of an ideal switched capacitor circuit
(Figure 5-1 and Figure 5-2).
The output voltage ripple is given by Equation 5-2.
EQUATION 5-2:
FIGURE 5-1:
Ideal Switched Capacitor
Model.
FIGURE 5-2:
Equivalent Output
Resistance.
5.3
Capacitor Selection
In order to maintain the lowest output resistance and
output ripple voltage, it is recommended that low ESR
capacitors be used. Additionally, larger values of C1 will
lower the output resistance and larger values of C2 will
reduce output ripple (see Equation 5-1b).
Table 5-1 shows various values of C1 and the
corresponding output resistance values @ +25°C. It
assumes a 0.1
 ESR
C1 and 0.9 RSW. Table 5-2
shows the output voltage ripple for various values of
C2. The VRIPPLE values assume 5mA output load
current and 0.1
 ESR
C2.
TABLE 5-1:
OUTPUT RESISTANCE
VS. C1 (ESR = 0.1)
TABLE 5-2:
OUTPUT VOLTAGE RIPPLE
VS. C2 (ESR = 0.1)
IOUT 5mA
V
RIPPLE
I
OUT
2F
SW
 C
2

--------------------------------
2I
OUT
 ESR
C2

+
=
V+
VOUT
RL
C2
C1
f
FSW x C1
1
V+
VOUT
REQUIV
REQUIV =
RL
C2
C1 (µF)
TC1240
ROUT()
TC1240A
ROUT()
0.47
47
35
128.5
20.5
2.2
19.5
14
3.3
17
12
4.7
15.5
10.5
10
13.6
9.3
47
12.5
8.3
100
12.2
8.1
C1 (µF)
TC1240/TC1240A
VRIPPLE (mV)
0.47
142
167
2.2
30
3.3
20
4.7
14
10
6.7
47
2.5
100
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com