Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240ECH Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1240ECH
Description  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240ECH Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1240ECH Datasheet HTML 3Page - Microchip Technology TC1240ECH Datasheet HTML 4Page - Microchip Technology TC1240ECH Datasheet HTML 5Page - Microchip Technology TC1240ECH Datasheet HTML 6Page - Microchip Technology TC1240ECH Datasheet HTML 7Page - Microchip Technology TC1240ECH Datasheet HTML 8Page - Microchip Technology TC1240ECH Datasheet HTML 9Page - Microchip Technology TC1240ECH Datasheet HTML 10Page - Microchip Technology TC1240ECH Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21516D-page 7
TC1240/TC1240A
4.0
DETAILED DESCRIPTION
The TC1240/TC1240A charge pump converter dou-
bles the voltage applied to the VIN pin. Conversion con-
sists of a two-phase operation (Figure 4-1). During the
first phase, switches S2 and S4 are open and S1 and S3
are closed. During this time, C1 charges to the voltage
on VIN and load current is supplied from C2. During the
second phase, S2 and S4 are closed, while S1 and S3
are open.
During this second phase, C1 is level-shifted upward by
VIN volts. This connects C1 to the reservoir capacitor
C2, allowing energy to be delivered to the output as
needed. The actual voltage is slightly lower than 2 x VIN
since the four switches (S1-S4) have an on-resistance
and the load drains charge from reservoir capacitor C2.
FIGURE 4-1:
Ideal Switched Capacitor
Charge Pump Doubler.
5.0
TYPICAL APPLICATIONS
5.1
Output Voltage Considerations
The TC1240/TC1240A performs voltage doubling but
does not provide regulation. The output voltage will
droop in a linear manner with respect to load current.
The value of this equivalent output resistance is approx-
imately 12
 nominal at +25°C and V
IN = +5.0V for the
TC1240A and 17
 nominal at +25°C and V
IN = +2.8V
for the TC1240. VOUT is approximately +10.0V at light
loads for the TC1240A and +5.6V for the TC1240, and
droops according to the equation below:
EQUATION
5.2
Charge Pump Efficiency
The overall power efficiency of the charge pump is
affected by four factors:
1.
Losses from power consumed by the internal
oscillator, switch drive, etc. (which vary with
input
voltage,
temperature
and
oscillator
frequency).
2.
I2R losses due to the on-resistance of the
MOSFET switches on-board the charge pump.
3.
Charge pump capacitor losses due to effective
series resistance (ESR).
4.
Losses that occur during charge transfer (from
commutation capacitor to the output capacitor)
when a voltage difference between the two
capacitors exist.
Most of the conversion losses are due to factors (2) and
(3) above. These losses are given by Equation 5-1.
EQUATION 5-1:
VOUT = 2 x VIN
C1
C2
TC1240/TC1240A
VIN
S1
S3
S4
S2
OSC
VIN
V
OUT
2V
IN
V
DROOP
–
=
V
DROOP
I
OUT
R
OUT
=
a)
b)
P
LOSS(2,3)
I
OUT
2
R
OUT
=
R
OUT
1
F
SW C1

----------------------
8R
SWITCH
4ESR
C1
ESR
C2
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com