Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240ECH Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1240ECH
Description  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240ECH Datasheet(HTML) 5 Page - Microchip Technology

  TC1240ECH Datasheet HTML 1Page - Microchip Technology TC1240ECH Datasheet HTML 2Page - Microchip Technology TC1240ECH Datasheet HTML 3Page - Microchip Technology TC1240ECH Datasheet HTML 4Page - Microchip Technology TC1240ECH Datasheet HTML 5Page - Microchip Technology TC1240ECH Datasheet HTML 6Page - Microchip Technology TC1240ECH Datasheet HTML 7Page - Microchip Technology TC1240ECH Datasheet HTML 8Page - Microchip Technology TC1240ECH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21516D-page 5
TC1240/TC1240A
Note: Unless otherwise indicated, typical values apply at TA = +25°C.
FIGURE 2-7:
Switching Frequency vs.
Temperature.
100
80
60
40
20
0
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
V
IN = 4.0V
V
IN = 2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com