Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240ECH Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1240ECH
Description  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240ECH Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1240ECH Datasheet HTML 10Page - Microchip Technology TC1240ECH Datasheet HTML 11Page - Microchip Technology TC1240ECH Datasheet HTML 12Page - Microchip Technology TC1240ECH Datasheet HTML 13Page - Microchip Technology TC1240ECH Datasheet HTML 14Page - Microchip Technology TC1240ECH Datasheet HTML 15Page - Microchip Technology TC1240ECH Datasheet HTML 16Page - Microchip Technology TC1240ECH Datasheet HTML 17Page - Microchip Technology TC1240ECH Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21516D-page 15
TC1240/TC1240A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
TC1240:
Positive Doubling Charge Pump with Shutdown
TC1240A
Positive Doubling Charge Pump with Shutdown
Temperature Range
I
=
-40
C to +85°C (Industrial)
Package
CHTR: =
6L SOT-23, Tape and Reel
Examples:
a)
TC1240ECHTR: Tape and Reel, 6L SOT-23
(EIAJ)
b)
TC1240AECHTR: Tape and Reel, 6L SOT-23
(EIAJ)
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com