Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ1 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9954/PCBZ1
Description  400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ1 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9954/PCBZ1 Datasheet HTML 24Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 25Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 26Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 27Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 28Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 29Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 30Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 31Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD9954
Rev. B | Page 28 of 40
Table 13. Register Map—When Linear Sweep Enable Bit Is True (CFR1<21> = 1)
Note that the RAM Enable Bit CFR1<31> only activates the RAM itself, not the RAM segment control words.
Register Name
(Serial Address)
Bit
Range
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value Or
Profile
Control
Function
Register No. 1
(CFR1)
(0x00)
<7:0>
Digital
Power-
Down
Comp
Power-
Down
DAC
Power-
Down
Clock
Input
Power
Down
External
Power-
Down
Mode
Linear
Sweep
No Dwell
SYNC_CLK
Disable
Not
Used
0x00
<15:8>
SRR Load
Enable
AutoClr
Freq
Accum
AutoClr
Phase
Accum
Sine/
Cosine
Select
Clear
Freq
Accum
Clear
Phase
Accum
SDIO
Input
Only
LSB
First
0x00
<23:16>
Automatic
Sync
Enable
Software
Manual
Sync
Linear
Sweep
Enable
Not
Used
Not
Used
Not Used
Not Used
Not
Used
0x00
<31:24>
RAM
Enable
RAM
Destination
Internal Profile Control<2:0>
Load ARR
Control
OSK
Enable
Auto
OSK
Enable
0x00
Control
Function
Register
No. 2 (CFR2)
(0x01)
<7:0>
REFCLK Multiplier
VCO
Range
Charge Pump
Current<1:0>
0x00
<15:8>
Not Used
High
Speed
Sync
Enable
Hardware
Manual
Sync
Enable
XTAL
OUT
Enable
Not
Used
0x00
<23:16>
Not Used
0x18
Amplitude
Scale Factor
(ASF) (0x02)
<7:0>
(0x07)
Amplitude Scale Factor Register<7:0>
<15:8>
Auto Ramp Rate
Speed Control<1:0>
Amplitude Scale Factor Register<13:8>
Amplitude
Ramp Rate
(ARR) (0x03)
<7:0>
Amplitude Ramp Rate Register<7:0>
Frequency
Tuning
Word
(FTW0)
(0x04)
<7:0>
Frequency Tuning Word No. 0<7:0>
0x00
<15:8>
Frequency Tuning Word No. 0<15:8>
0x00
<23:16>
Frequency Tuning Word No. 0<23:16>
0x00
<31:24>
Frequency Tuning Word No. 0<31:24>
0x00
Phase Offset
Word (POW0)
(0x05)
<7:0>
Phase Offset Word No. 0<7:0>
0x00
<15:8>
Open<1:0>
Phase Offset Word No. 0<13:8>
0x00
Frequency
Tuning
Word (FTW1)
(0x06)
<7:0>
Frequency Tuning Word No. 1<7:0>
<15:8>
Frequency Tuning Word No. 1<15:8>
<23:16>
Frequency Tuning Word No. 1<23:16>
<31:24>
Frequency Tuning Word No. 1<31:24>
Negative
Linear
Sweep
Control
Word (NLSCW)
(0x07)
<7:0>
Falling Delta Frequency Tuning Word<7:0>
PS0 = 0
<15:8>
Falling Delta Frequency Tuning Word<15:8>
PS0 = 0
<23:16>
Falling Delta Frequency Tuning Word<23:16>
PS0 = 0
<31:24>
Falling Delta Frequency Tuning Word<31:24>
PS0 = 0
<39:32>
Falling Sweep Ramp Rate Word<7:0>
PS0 = 0
Positive
Linear
Sweep
Control
Word (PLSCW)
(0x08)
<7:0>
Rising Delta Frequency Tuning Word<7:0>
PS0 = 1
<15:8>
Rising Delta Frequency Tuning Word<15:8>
PS0 = 1
<23:16>
Rising Delta Frequency Tuning Word<23:16>
PS0 = 1
<31:24>
Rising Delta Frequency Tuning Word <31:24>
PS0 = 1
<39:32>
Rising Sweep Ramp Rate Word<7:0>
PS0 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com