Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ1 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9954/PCBZ1
Description  400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ1 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9954/PCBZ1 Datasheet HTML 30Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 31Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 32Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 33Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 34Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 35Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 36Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 37Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD9954
Rev. B | Page 34 of 40
Because there is a ramp-up, but no ramp-down, RAM mode,
two RAM segments are generated; one for the transition from
F0 to F1, and one for the transition from F1 to F0. Step through
the intermediary frequencies as quickly as possible, because the
faster the steps, the less the output frequency deviates from the
ideal frequency response of the filter. The fastest the AD9954
can step through the values in the RAM is at the SYNC_CLK
rate, or ¼ of the SYSCLK rate, which works out to 10 ns,
assuming the maximum SYSCLK rate of 400 MSPS. Dividing
the total transition time of 100 ns by the time for each transition,
100 steps can be taken. The intermediary frequencies are solved
by looking at the instantaneous frequency on the curve every
10 ns and by recording that value. This gives 200 frequency
values, 100 representing the change from F0 to F1 and 100
representing the change from F1 to F0. This is the information
needed to program the RAM.
Begin by programming CFR1 to set the RAM enable bit.
Calculate and program RSCW0 and RSCW1. Each of the RAM
segment control words has an address ramp rate (16 bits), a
final address (10 bits), a beginning address (10 bits), a mode
control value (3 bits), and a no-dwell flag. Stepping through the
intermediary frequencies as quickly as possible was previously
discussed; therefore, the ramp rate for each word is 0x0000.
Define RAM Segment 0 to occupy the RAM space from
Address 0 to Address 99, which gives 100 values. Define RAM
Segment 1 to occupy Address 100 to Address 199 (also 100
values). Look at the modes of operation choice and recognize
that the ramp-up mode is used to step through each of the
addresses and then holds the final value in the profile.
Therefore, for each RSCW, the mode control bits are b’001.
Because staying at the last value is recommended, the no-dwell
bit is 0. To form the data for each RSCW, combine these values.
For RSCW0, it is 0x0100630020. For RSCW1, it is
0x0100C79021. Because the words that comprise the RSCW are
not contiguous, care must be taken in calculating the RSCW.
Make a chart of each of the subwords in order: address ramp
rate, final address, beginning address, mode, and no dwell.
Write the binary values for each subword, and then, with a copy
of the register map printed out, write each of the binary bits into the
map. When this is completed, the individual bytes can be read from
the map. For example, Table 15 shows how RSCW1 would appear.
Table 15. RAM Mode Register Table Settings
RAM
Segment
Control
Word
No. 1
(RSCW1)
(0x08)
<7:0>
RAM
Segment 1
Mode Control
<2:0>
001
No-
Dwell
Active
0
RAM Segment 1
Beginning
Address <9:6>
0001
<15:8>
RAM Segment 1
Beginning
Address <5:0>
100100
RAM Segment 1
Final Address <9:8>
00
<23:16>
RAM Segment 1 Final Address <7:0>
11000111
<31:24>
RAM Segment 1 Address Ramp Rate
<15:8> 00000000
<39:32>
RAM Segment 1 Address Ramp Rate
<7:0> 00010000
The RSCW0 and RSCW1 values must be loaded into their
registers before attempting to write data to RSCW0 and
RSCW1; therefore, issue an I/O update.
The next step is to convert each of the intermediary frequencies
into a frequency tuning word according to
32
2
SYSCLK
fi
ftw
where:
fi is the desired intermediary frequency.
SYSCLK is the system clock rate.
Once this is complete, the result for each profile should be a
vector of 100 32-bit words. To write RAM Segment 0, select
Profile 0 (PS0 = 0, PS1 = 0), and then write the instruction byte
b’00001011, which indicates a RAM write operation is going to
be performed. The serial port I/O controller recognizes this and
polls the profile select pins, thus determining that Profile 0 is
the target storage location for the data out of RSCW0 previously
entered. It now knows to put the first word at Address 0, the last
word at Address 99, and that there are 100 words in total.
Proceed to load all 100 32-bit frequency words into the RAM.
When this is done, write the data to RAM Segment 1. First,
change to Profile 1 (PS0 = 1, PS1 = 0), and then write the RAM
instruction byte again. The device now knows to write the first
word at Address 100, the last word at Address 199, and again
that there are 100 words in total. Write all 100 32-bit words of
RAM Segment 1 and issue an I/O update. Whenever the PS0
pin is toggled (from 0 to 1), the part steps through the RAM
segment, which is the Gaussian-shaped pattern programmed
into the RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com