Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ1 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9954/PCBZ1
Description  400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ1 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9954/PCBZ1 Datasheet HTML 10Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 11Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 12Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 13Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 14Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 15Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 16Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 17Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9954
Rev. B | Page 14 of 40
Comparator
Some applications (for example, clocking) prefer a square-wave
signal rather than a sine wave. In support of such applications,
the AD9954 includes an on-chip comparator. The comparator
has a bandwidth greater than 200 MHz and a common-mode
input range of 1.3 V to 1.8 V. The comparator can be turned off
to reduce power consumption using the comparator power-
down bit, CFR1<6>.
Frequency Accumulator
This block is used for linear sweep mode; transitioning from
the start frequency (F0) to the terminal frequency (F1) is not
instantaneous but instead is implemented in a swept or ramped
fashion. This frequency ramping is accomplished by stepping
through intermediate frequencies between F0 and F1.
The linear sweep block uses the falling and rising delta
frequency tuning words, the falling and rising delta frequency
ramp rates, and the frequency accumulator. The Linear Sweep
Enable Bit CFR1<21> enables the linear sweep block. The linear
sweep no dwell bit establishes the action to be performed upon
reaching the terminal frequency in a sweep. See the Modes of
Operation section for more details.
DDS Core
The output frequency (fO) of the DDS is a function of the
frequency of system clock (SYSCLK), the value of the frequency
tuning word (FTW), and the capacity of the phase accumulator
(232, in this case). The exact relationship is given below with fs
defined as the frequency of SYSCLK.
fO
= (FTW)(fS)/232 with 0 ≤ FTW ≤ 231
fO
= fS × (1 − (FTW/232)) with 231 < FTW < 232 − 1
Each system clock cycle, the FTW is added to the value
previously held in the phase accumulator. The value at the
output of the phase accumulator is then summed with a user-
defined, 14-bit phase offset value (POW). The most significant
19 bits of that summation are then translated to an amplitude
value via the cos(x) functional block. Truncation of the LSBs is
implemented to reduce the power consumption of the DDS
core. This truncation does not reduce frequency resolution.
In certain applications, it is desirable to have the ability to force
the output signal to zero phase. Simply setting the FTW to 0
does not accomplish this; it only stalls the core at its current
phase value. A control bit is provided to force the phase
accumulator output to zero.
At power-up, the clear phase accumulator bit is set to Logic 1,
but the buffer memory for this bit is cleared (Logic 0). Therefore,
upon power-up, the phase accumulator remains clear until the
first I/O UPDATE is issued. I/O UPDATE transfers data from
the input buffers to the active control registers. See the
Functionality of the SYNC_CLK and I/O UPDATE section
for more details.
Frequency Tuning Word Mux
As shown in Figure 2, there are three sources for the FTW
that are fed to the DDS core as the seed value for the phase
accumulator: a frequency accumulator, the static RAM, and
the registers of the control logic.
For applications where a static output frequency or more than
four predefined output frequencies need to be switched between,
in some variable or undefined order, the primary method of
setting the FTW is by programming the desired value into the
FTW0 register.
For applications where up to four specific sets of FTWs, or pre-
defined series of FTWs are needed, the on-board RAM can be
programmed with the desired FTWs, and the profile pins can
be used to toggle between those sets/series.
For applications where a steady sweeping of frequency is
desired, a second frequency accumulator is provided. The seed
value and minimum/maximum numbers for the frequency
accumulator are user programmable, although certain rules
must be followed to avoid overflowing that accumulator.
Phase Offset Word Mux
As shown in Figure 2, there are two sources for the POW that
are fed to the DDS core as an adder to the output of the phase
accumulator: the static RAM and the registers of the control
logic. Using this feature enables synchronization of the DDS
output to other system signals as well as phase modulation.
For applications where a static output phase or more than four
predefined output phases need to be switched between, in some
variable or undefined order, the primary method of setting the
POW is by programming the desired value into the POW0
register.
For applications where up to four specific sets of POWs, or
predefined series of POWs are needed, the on-board RAM can
be programmed with the desired POWs, and the profile pins
can be used to toggle between those sets/series.
The phase offset formula is
360
2
POW
14
A digital delay block exists in the phase offset programming
path to ensure matched latency with changes to the frequency
tuning word. This enables users to easily program the device to
change from one combined phase/frequency combination to
another smoothly and seamlessly.
Continuous and Clear-and-Release Frequency and Phase
Accumulator Clear Functions
The AD9954 allows for a continuous zeroing of the frequency
sweep logic and the phase accumulator as well as a clear and
release or automatic zeroing function. The auto clear bits are
CFR1<14:13>. The continuous clear bits are CFR1<11:10>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com