Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ1 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9954/PCBZ1
Description  400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ1 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9954/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 9Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 10Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 11Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 12Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 13Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 14Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 15Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD9954
Rev. B | Page 12 of 40
f (Hz)
10
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
100
100k
1M
10k
10M
Figure 17. Residual Phase Noise with fOUT = 159.5 MHz,
fCLK = 400 MSPS; PLL Bypassed (Green), PLL Set to 4× (Red), and
PLL Set to 20× (Blue)
10
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
100
100k
10k
1M
f (Hz)
Figure 18. Residual Phase Noise with fOUT = 9.5 MHz, fCLK = 400 MSPS;
PLL Bypassed (Green), PLL Set to 4× (Red), and PLL Set to 20× (Blue)
REF2 200mV 500ns
R2
R1
IT 10.0PS/PT –100PS
M 500PS 20.0GS/S
A CH1
708mV
FALL (R1) = 396.4PS
RISE(R2) = 464.3PS
Figure 19. Comparator Rise and Fall Time at 160 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com