Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ1 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9954/PCBZ1
Description  400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ1 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9954/PCBZ1 Datasheet HTML 17Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 18Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 19Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 20Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 21Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 22Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 23Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 24Page - Analog Devices AD9954/PCBZ1 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD9954
Rev. B | Page 21 of 40
SYNCHRONIZATION—REGISTER UPDATES (I/O
UPDATE)
Functionality of the SYNC_CLK and I/O UPDATE
Data into the AD9954 is synchronous to the SYNC_CLK
signal (supplied externally to the user on the SYNC_CLK pin).
The I/O UPDATE pin is sampled on the rising edge of the
SYNC_CLK.
Internally, SYSCLK is fed to a divide-by-four frequency divider
to produce the SYNC_CLK signal. The SYNC_CLK signal is
made available to the system on the SYNC_CLK pin. This
enables synchronization of external hardware with the device’s
internal clocks. This is accomplished by providing the SYNC_CLK
signal as an output that external hardware can then use to
synchronize against.
The I/O update signal coupled with SYNC_CLK is used to
transfer internal buffer contents into the control registers. The
combination of the SYNC_CLK pin and the I/O UPDATE pin
provides the user with constant latency relative to SYSCLK and
ensures phase continuity of the analog output signal when a
new tuning word or phase offset value is asserted.
Figure 23 and Figure 24 demonstrate an I/O update timing
cycle and synchronization.
Synchronization logic notes include the following:
 The I/O update signal is edge detected to generate a single-
cycle clock signal that drives the register bank flops. The I/O
update signal has no constraints on duty cycle. The minimum
low time on I/O update is one SYNC_CLK clock cycle.
 The I/O UPDATE pin is set up and held around the rising
edge of SYNC_CLK. Setup and hold time specifications can
be found in Table 2.
SYSCLK
SDIO
SYNC_CLK
DISABLE
0
SCLK
TO CORE LOGIC
CS
OSK
D
Q
PS<1:0>
D
Q
I/O UPDATE
D
Q
÷4
SYNC_CLK
GATING
EDGE
DETECTION
LOGIC
REGISTER
MEMORY
I/O BUFFER
LATCHES
Figure 23. I/O Synchronization Block Diagram
SYNC_CLK
SYSCLK
AB
DATA IN
REGISTERS
DATA IN
I/O BUFFERS
I/O UPDATE
THE DEVICE REGISTERS AN I/O UPDATE AT POINT A. THE DATA IS TRANSFERRED FROM
THE ASYNCHRONOUSLY LOADED I/O BUFFERS AT POINT B.
N – 1
N
N + 1
N
N + 1
N + 2
Figure 24. I/O Synchronization Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com