Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 3 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 3 Page - Microchip Technology

  ENC28J60_12 Datasheet HTML 1Page - Microchip Technology ENC28J60_12 Datasheet HTML 2Page - Microchip Technology ENC28J60_12 Datasheet HTML 3Page - Microchip Technology ENC28J60_12 Datasheet HTML 4Page - Microchip Technology ENC28J60_12 Datasheet HTML 5Page - Microchip Technology ENC28J60_12 Datasheet HTML 6Page - Microchip Technology ENC28J60_12 Datasheet HTML 7Page - Microchip Technology ENC28J60_12 Datasheet HTML 8Page - Microchip Technology ENC28J60_12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
 2006-2012 Microchip Technology Inc.
.
DS39662E-page 3
ENC28J60
1.0
OVERVIEW
The ENC28J60 is a stand-alone Ethernet controller
with an industry standard Serial Peripheral Interface
(SPI). It is designed to serve as an Ethernet network
interface for any controller equipped with SPI.
The ENC28J60 meets all of the IEEE 802.3 specifica-
tions. It incorporates a number of packet filtering
schemes to limit incoming packets. It also provides an
internal DMA module for fast data throughput and hard-
ware assisted checksum calculation, which is used in
various network protocols. Communication with the
host controller is implemented via an interrupt pin and
the SPI, with clock rates of up to 20 MHz. Two
dedicated pins are used for LED link and network
activity indication.
A simple block diagram of the ENC28J60 is shown in
Figure 1-1. A typical application circuit using the device
is shown in Figure 1-2. With the ENC28J60, two pulse
transformers and a few passive components are all that
are required to connect a microcontroller to an Ethernet
network.
The ENC28J60 consists of seven major functional
blocks:
1.
An SPI interface that serves as a communica-
tion channel between the host controller and the
ENC28J60.
2.
Control registers which are used to control and
monitor the ENC28J60.
3.
A dual port RAM buffer for received and
transmitted data packets.
4.
An arbiter to control the access to the RAM buf-
fer when requests are made from DMA, transmit
and receive blocks.
5.
The bus interface that interprets data and
commands received via the SPI interface.
6.
The MAC (Medium Access Control) module that
implements IEEE 802.3 compliant MAC logic.
7.
The PHY (Physical Layer) module that encodes
and decodes the analog data that is present on
the twisted-pair interface.
The device also contains other support blocks, such as
the oscillator, on-chip voltage regulator, level translators
to provide 5V tolerant I/Os and system control logic.
FIGURE 1-1:
ENC28J60 BLOCK DIAGRAM
Dual Port RAM
8 Kbytes
DMA &
Checksum
TXBM
RXBM
Arbiter
Flow Control
Host Interface
Control
Registers
Power-on
PHY
Bus Interface
SPI
MII
Interface
MIIM
Interface
TPOUT+
TPOUT-
TPIN+
TPIN-
TX
RX
RBIAS
OSC1
OSC2
Voltage
System Control
CS(1)
SI(1)
SO
SCK(1)
INT
VCAP
CLKOUT
LEDA
LEDB
RESET(1)
RXF (Filter)
RX
TX
MAC
ch0
ch1
ch0
ch1
Buffer
Note 1:
These pins are 5V tolerant.
Regulator
Reset
25 MHz
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com