Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 70 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 70 Page - Microchip Technology

Back Button ENC28J60_12 Datasheet HTML 66Page - Microchip Technology ENC28J60_12 Datasheet HTML 67Page - Microchip Technology ENC28J60_12 Datasheet HTML 68Page - Microchip Technology ENC28J60_12 Datasheet HTML 69Page - Microchip Technology ENC28J60_12 Datasheet HTML 70Page - Microchip Technology ENC28J60_12 Datasheet HTML 71Page - Microchip Technology ENC28J60_12 Datasheet HTML 72Page - Microchip Technology ENC28J60_12 Datasheet HTML 73Page - Microchip Technology ENC28J60_12 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
ENC28J60
DS39662E-page 70
.
 2006-2012 Microchip Technology Inc.
12.2
Wake-On-LAN/Remote Wake-up
Wake-On-LAN or Remote Wake-up is useful in conserv-
ing system power. The host controller and other
subsystems can be put in Low-Power mode and be
woken up by the ENC28J60 when a wake-up packet is
received from a remote station. The ENC28J60 must not
be in Power-Save mode and the transmit and receive
modules must be enabled in order to receive a wake-up
packet. The ENC28J60 wakes up the host controller via
the INT signal when the Interrupt Mask registers are
properly configured. The receive filter can also be set up
to only receive a specific wake-up packet (see
Register 8-1 for available options). Section 12.2.1
“Setup Steps for Waking Up on a Magic Packet”
shows the steps necessary in configuring the ENC28J60
to send an interrupt signal to the host controller upon the
reception of a Magic Packet.
12.2.1
SETUP STEPS FOR WAKING UP ON
A MAGIC PACKET
1.
Set ERXFCON.CRCEN and ERXFCON.MPEN.
2.
Service all pending packets.
3.
Set EIE.PKTIE and EIE.INTIE.
4.
Set up the host controller to wake-up on an
external interrupt INT signal.
5.
Put the host controller and other subsystems to
Sleep to save power.
Once a Magic Packet is received, the EPKTCNT is
incremented to ‘1’, which causes the EIR.PKTIF bit to
set. In turn, the ESTAT.INT bit is set and the INT signal
is driven low, causing the host to wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com