Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 39 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 39 Page - Microchip Technology

Back Button ENC28J60_12 Datasheet HTML 35Page - Microchip Technology ENC28J60_12 Datasheet HTML 36Page - Microchip Technology ENC28J60_12 Datasheet HTML 37Page - Microchip Technology ENC28J60_12 Datasheet HTML 38Page - Microchip Technology ENC28J60_12 Datasheet HTML 39Page - Microchip Technology ENC28J60_12 Datasheet HTML 40Page - Microchip Technology ENC28J60_12 Datasheet HTML 41Page - Microchip Technology ENC28J60_12 Datasheet HTML 42Page - Microchip Technology ENC28J60_12 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
 2006-2012 Microchip Technology Inc.
.
DS39662E-page 39
ENC28J60
7.0
TRANSMITTING AND
RECEIVING PACKETS
7.1
Transmitting Packets
The MAC inside the ENC28J60 will automatically gener-
ate the preamble and Start-of-Frame delimiter fields
when transmitting. Additionally, the MAC can generate
any padding (if needed) and the CRC if configured to do
so. The host controller must generate and write all other
frame fields into the buffer memory for transmission.
Additionally, the ENC28J60 requires a single per packet
control byte to precede the packet for transmission. The
per packet control byte is organized as shown in
Figure 7-1. Before transmitting packets, the MAC
registers which alter the transmission characteristics
should be initialized as documented in Section 6.0
“Initialization”.
For an example of how the entire transmit packet and
results will look in memory, see Figure 7-2.
FIGURE 7-1:
FORMAT FOR PER PACKET CONTROL BYTES
—
—
—
—
PHUGEEN
PPADEN
PCRCEN
POVERRIDE
bit 7
bit 0
bit 7-4
Unused
bit 3
PHUGEEN: Per Packet Huge Frame Enable bit
When POVERRIDE = 1:
1 = The packet will be transmitted in whole
0 = The MAC will transmit up to the number of bytes specified by MAMXFL; if the packet is larger
than MAMXFL, it will be aborted after MAMXFL is reached
When POVERRIDE = 0:
This bit is ignored.
bit 2
PPADEN: Per Packet Padding Enable bit
When POVERRIDE = 1:
1 = The packet will be zero-padded to 60 bytes if it is less than 60 bytes
0 = The packet will be transmitted without adding any padding bytes
When POVERRIDE = 0:
This bit is ignored.
bit 1
PCRCEN: Per Packet CRC Enable bit
When POVERRIDE = 1:
1 = A valid CRC will be calculated and attached to the frame
0 = No CRC will be appended; the last 4 bytes of the frame will be checked for validity as a CRC.
When POVERRIDE = 0:
This bit is ignored.
bit 0
POVERRIDE: Per Packet Override bit
1 = The values of PCRCEN, PPADEN and PHUGEEN will override the configuration defined by
MACON3
0 = The values in MACON3 will be used to determine how the packet will be transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com