Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 56 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 56 Page - Microchip Technology

Back Button ENC28J60_12 Datasheet HTML 52Page - Microchip Technology ENC28J60_12 Datasheet HTML 53Page - Microchip Technology ENC28J60_12 Datasheet HTML 54Page - Microchip Technology ENC28J60_12 Datasheet HTML 55Page - Microchip Technology ENC28J60_12 Datasheet HTML 56Page - Microchip Technology ENC28J60_12 Datasheet HTML 57Page - Microchip Technology ENC28J60_12 Datasheet HTML 58Page - Microchip Technology ENC28J60_12 Datasheet HTML 59Page - Microchip Technology ENC28J60_12 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
ENC28J60
DS39662E-page 56
.
 2006-2012 Microchip Technology Inc.
To enable flow control on the ENC28J60 in Full-Duplex
mode, the host controller must set the TXPAUS and
RXPAUS bits in the MACON1 register. Then, at any time
that the receiver buffer is running out of space, the host
controller should turn flow control on by writing the value
02h to the EFLOCON register. The hardware will period-
ically transmit pause frames loaded with the pause timer
value specified in the EPAUS registers. The host
controller can continue to transmit its own packets
without interfering with the flow control hardware.
When space has been made available for more packets
in the receive buffer, the host controller should turn flow
control off by writing the value 03h to the EFLOCON
register. The hardware will send one last pause frame
loaded with a pause timer value of 0000h. When the
pause frame is received by the remote node, it will
resume normal network operations.
When RXPAUS is set in the MACON1 register and a
valid pause frame arrives with a non-zero pause timer
value,
the ENC28J60
will automatically
inhibit
transmissions.
If
the
host
controller
sets
the
ECON1.TXRTS bit to send a packet, the hardware will
simply wait until the pause timer expires before
attempting to send the packet and subsequently clearing
the TXRTS bit. Normally, the host controller will never
know that a pause frame has been received. However, if
it is desirable to the host controller to know when the
MAC is paused or not, it should set the PASSALL bit in
MACON1 and then manually interpret the pause control
frames which may arrive.
REGISTER 10-1:
EFLOCON: ETHERNET FLOW CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
R-0
R/W-0
R/W-0
—
—
—
—
—
FULDPXS
FCEN1
FCEN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2
FULDPXS: Read-Only MAC Full-Duplex Shadow bit
1 = MAC is configured for Full-Duplex mode, FULDPX (MACON3<0>) is set
0 = MAC is configured for Half-Duplex mode, FULDPX (MACON3<0>) is clear
bit 1-0
FCEN<1:0>: Flow Control Enable bits
When FULDPXS = 1:
11 = Send one pause frame with a ‘0’ timer value and then turn flow control off
10 = Send pause frames periodically
01 = Send one pause frame then turn flow control off
00 = Flow control off
When FULDPXS = 0:
11 = Flow control on
10 = Flow control off
01 = Flow control on
00 = Flow control off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com